Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD4071 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ILD4071
Description  LED Driver for High Power LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD4071 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ILD4071 Datasheet HTML 2Page - Infineon Technologies AG ILD4071 Datasheet HTML 3Page - Infineon Technologies AG ILD4071 Datasheet HTML 4Page - Infineon Technologies AG ILD4071 Datasheet HTML 5Page - Infineon Technologies AG ILD4071 Datasheet HTML 6Page - Infineon Technologies AG ILD4071 Datasheet HTML 7Page - Infineon Technologies AG ILD4071 Datasheet HTML 8Page - Infineon Technologies AG ILD4071 Datasheet HTML 9Page - Infineon Technologies AG ILD4071 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Datasheet
6
Rev. 1.0, 2011-11-16
ILD4071
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration ILD4071
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1VREC
Voltage Recirculation Output and Internal Supply Input;
This pin is the supply pin of the IC (see block diagram). Furthermore the cathode of the
integrated fast freewheeling diode is connected to this pin as well.
2ST
Status Output;
Open collector diagnostic output to indicate an open load failure.
Refer to Chapter 7 for more details.
3EN
Enable;
Apply logic HIGH signal to enable the device
4
SET
SET Input;
Connect a low power resistor to adjust the output current.
5
PWMI
PWM Input;
PWM signal for dimming LEDs. Connect external R and C combination to achieve an auto
PWM-dimming function with defined frequency and duty cycle.
1) internal PWM dimming function (external RC connected to GND)
2) external PWM dimming function (µC is controlling this pin)
Refer to Chapter 6 for more details.
6FREQ
FREQuency Select Input;
Connect external Resistor and Capacitor to GND to set the OFF-time of the switching
frequency.
7GND
Ground;
Connect to system ground.
ST
GND
EN
FREQ
SW
5
6
4
3
2
7
1
8
SET
VREC
PWMI
EP


Similar Part No. - ILD4071

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD4001 INFINEON-ILD4001 Datasheet
654Kb / 11P
   Step down - LED controller IC for external power stages
Rev. 1.0, July 2009
ILD4001E6327 INFINEON-ILD4001E6327 Datasheet
654Kb / 11P
   Step down - LED controller IC for external power stages
Rev. 1.0, July 2009
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 30P
   LED Drivers for High Power LEDs
Revision 2.0, 2011-08-17
More results

Similar Description - ILD4071

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3205 MGCHIP-MAP3205 Datasheet
892Kb / 13P
   4-channel LED Driver for High Brightness LEDs
MAP3249 MGCHIP-MAP3249 Datasheet
4Mb / 19P
   4-channel LED Driver for High Brightness LEDs
MAP3242 MGCHIP-MAP3242 Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Infineon Technologies A...
ILD-4035-E6327 INFINEON-ILD-4035-E6327 Datasheet
1Mb / 30P
   LED Drivers for High Power LEDs
Revision 2.0, 2011-08-17
logo
Roithner LaserTechnik G...
PCB-DRIVER-41 ROITHNER-PCB-DRIVER-41 Datasheet
779Kb / 6P
   led driver for mid-ir leds
PCB-DRIVER-51 ROITHNER-PCB-DRIVER-51 Datasheet
1,001Kb / 6P
   led driver for mid-ir leds
PCB-MDRIVER-P ROITHNER-PCB-MDRIVER-P Datasheet
822Kb / 4P
   LED Mini Driver For Mid-IR LEDs
PCB-MDRIVER-QCW ROITHNER-PCB-MDRIVER-QCW Datasheet
825Kb / 4P
   LED Mini Driver For Mid-IR LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com