Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3163BMNR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3163BMNR2G
Description  3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163BMNR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3163BMNR2G Datasheet HTML 5Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 6Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 7Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 8Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 9Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 10Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 11Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 12Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP3163, NCV3163
http://onsemi.com
9
Feedback and Low Voltage Indicator Comparators
Output voltage control is established by the Feedback
comparator. The inverting input is internally biased at 1.25 V
and is not pinned out. The converter output voltage is
typically divided down with two external resistors and
monitored by the high impedance noninverting input at Pin 2.
The maximum input bias current is
±0.4 mA, which can cause
an output voltage error that is equal to the product of the input
bias current and the upper divider resistance value. For
applications that require 5.0 V, the converter output can be
directly connected to the noninverting input at Pin 3. The high
impedance input, Pin 2, must be grounded to prevent noise
pickup. The internal resistor divider is set for a nominal
voltage of 5.05 V. The additional 50 mV compensates for a
1.0% voltage drop in the cable and connector from the
converter output to the load. The Feedback comparator’s
output state is controlled by the highest voltage applied to
either of the two noninverting inputs.
The Low Voltage Indicator (LVI) comparator is designed
for use as a reset controller in microprocessor−based
systems. The inverting input is internally biased at 1.125 V,
which sets the noninverting input thresholds to 90% of
nominal. The LVI comparator has 15 mV of hysteresis to
prevent erratic reset operation. The Open Collector output is
capable of sinking in excess of 6.0 mA (see Figure 13). An
external resistor (RLVI) and capacitor (CDLY) can be used to
program a reset delay time (tDLY) by the formula shown
below, where Vth(MPU) is the microprocessor reset input
threshold. Refer to Figure 20.
tDLY = RLVI ⋅ CDLY ⋅ In
1
1 −
Vth(MPU)
Vout
Figure 20. Partial Application Schematic Showing
Implementation of LVI Delay with RLVI and CDLY
L
LVI
1
+
+
-
3
2
(Bottom View)
+
+
-
16
14
15
1.125 V
1.25 V
Feedback
Comparator
CO
Vout
Low Voltage
Indicator Output
CDLY
RLVI
Current Limit Comparator, Latch and Thermal
Shutdown
With a voltage mode ripple converter operating under
normal conditions, output switch conduction is initiated by
the oscillator and terminated by the Voltage Feedback
comparator. Abnormal operating conditions occur when the
converter output is overloaded or when feedback voltage
sensing is lost. Under these conditions, the Current Limit
comparator will protect the Output Switch.
The switch current is converted to a voltage by inserting
a fractional ohm resistor, RSC, in series with VCC and output
switch transistor Q2. The voltage drop across RSC is
monitored by the Current Sense comparator. If the voltage
drop exceeds 250 mV with respect to VCC, the comparator
will set the latch and terminate output switch conduction on
a
cycle−by−cycle
basis.
This
Comparator/Latch
configuration ensures that the Output Switch has only a
single on−time during a given oscillator cycle. The
calculation for a value of RSC is:
RSC +
0.25 V
Ipk (Switch)
Figures 14 and 15 show that the Current Sense comparator
threshold is tightly controlled over temperature and has a
typical input bias current of 1.0
mA. The propagation delay
from the comparator input to the Output Switch is typically
200 ns. The parasitic inductance associated with RSC and the
circuit layout should be minimized. This will prevent
unwanted voltage spikes that may falsely trip the Current
Limit comparator.
Internal thermal shutdown circuitry is provided to protect
the IC in the event that the maximum junction temperature
is exceeded. When activated, typically at 170
°C, the Latch
is forced into the “Set” state, disabling the Output Switch.
This feature is provided to prevent catastrophic failures from
accidental device overheating. It is not intended to be used
as a replacement for proper heatsinking.
Driver and Output Switch
To aid in system design flexibility and conversion
efficiency, the driver current source and collector, and
output switch collector and emitter are pinned out
separately. This allows the designer the option of driving the
output switch into saturation with a selected force gain or
driving it near saturation when connected as a Darlington.
The output switch has a typical current gain of 70 at 2.5 A
and is designed to switch a maximum of 40 V collector to
emitter, with up to 3.4 A peak collector current. The
minimum value for RSC is:
RSC(min) +
0.25 V
3.4 A +
0.0735 W


Similar Part No. - NCP3163BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
More results

Similar Description - NCP3163BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163 Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com