Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4681HMX35TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4681HMX35TCG
Description  Ultra Low Quiescent Current, Low Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681HMX35TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4681HMX35TCG Datasheet HTML 1Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 2Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 3Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 4Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 5Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 6Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 7Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 8Page - ON Semiconductor NCP4681HMX35TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 3
1
Publication Order Number:
NCP4681/D
NCP4681, NCP4684
150 mA, Ultra Low
Quiescent Current, Low
Dropout Regulator
The NCP4681 and NCP4684 are CMOS Linear voltage regulators
with 150 mA output current capability and ultra low supply currents
(1
mA typ.) The devices are easy to use and include output current
protection and a fully integrated soft−start circuit to minimize inrush
current and to ensure no output voltage overshoot. The NCP4681
includes an Enable function to reduce supply current by using a
Standby mode, while the NCP4684 excludes the Enable pin to avoid
any pull down current, thereby offering the lowest possible current
consumption for battery powered applications in Active mode. For
portable products the devices are available in the exceptionally small
0.8 x 0.8 mm XDFN, along with the SC−70 and SOT23 packages
Features
Operating Input Voltage Range: 1.40 V to 5.25 V
Output Voltage Range: 0.8 V to 3.6 V (available in 0.1 V steps)
Output Voltage Accuracy: ±1.0%
Supply Current: 1 mA (excluding the CE pull down current)
Dropout Voltage: 0.28 V (IOUT = 150 mA, VOUT = 2.8 V)
Line Regulation: 0.02%/V Typ.
Stable with Ceramic Capacitors: 0.1 mF or more
Current Fold Back Protection
Build−in Constant Slope Circuit for soft−start function
Available in XDFN4 0.8 x 0.8 mm, SC−70, SOT23 Packages
These are Pb−Free Devices
Typical Applications
Battery−powered Equipment
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Home Appliances
VIN
VOUT
CE
GND
C1
C2
100n
100n
VIN
VOUT
NCP4681x
VIN
VOUT
GND
C1
C2
100n
100n
VIN
VOUT
NCP4684
Figure 1. Typical Application Schematics
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
X, XXXX= Specific Device Code
MM
= Date Code
MARKING
DIAGRAMS
XXX
XMM
SOT−23−5
CASE 1212
1
XDFN4
CASE 711AB
XM
M
1
http://onsemi.com
1
XXXMM
1


Similar Part No. - NCP4681HMX35TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681HMX35TCG ONSEMI-NCP4681HMX35TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4681HMX35TCG

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com