Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP163BFCT2925T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP163BFCT2925T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163BFCT2925T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP163BFCT2925T2G Datasheet HTML 5Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 6Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 7Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 8Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 9Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 10Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 11Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 12Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCP163
www.onsemi.com
11
ORDERING INFORMATION (WLCSP4)
Device
Voltage
Option
Marking
Rotation
Description
Package
Shipping
NCP163AFCS180T2G
1.8 V
Y
180
250 mA, Active Discharge
WLCSP4
CASE 567KA
(Pb-Free)
5000 /
Tape &
Reel
NCP163AFCS260T2G
2.6 V
4
180
NCP163AFCS280T2G
2.8 V
3
180
NCP163AFCS285T2G
2.85 V
5
180
NCP163AFCS290T2G
2.9 V
6
180
NCP163AFCS2925T2G
2.925 V
2
180
NCP163BFCS180T2G
1.8 V
Y
270
250 mA, Non−Active Discharge
NCP163BFCS2925T2G
2.925 V
2
270
NCP163AFCT180T2G
1.8 V
Y
180
250 mA, Active Discharge
WLCSP4
CASE 567JZ
(Pb-Free)
5000 /
Tape &
Reel
NCP163AFCT260T2G
2.6 V
6
270
NCP163AFCT280T2G
2.8 V
3
180
NCP163AFCT285T2G
2.85 V
5
270
NCP163AFCT290T2G
2.9 V
4
270
NCP163AFCT2925T2G
2.925 V
2
180
NCP163AFCT300T2G
3.0 V
3
270
NCP163BFCT180T2G
1.8 V
Y
270
250 mA, Non−Active Discharge
NCP163BFCT2925T2G
2.925 V
2
270
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ORDERING INFORMATION (XDFN4)
Device
Voltage
Option
Marking
Description
Package
Shipping
NCP163AMX120TBG*
1.2 V
ME
250 mA, Active Discharge
XDFN4
CASE 711AJ
(Pb-Free)
3000 /
Tape &
Reel
NCP163AMX130TBG*
1.3 V
MG
NCP163AMX180TBG
1.8 V
MA
NCP163AMX1825TBG
1.825 V
MC
NCP163AMX190TBG
1.9 V
MH
NCP163AMX260TBG
2.6 V
MN
NCP163AMX275TBG
2.75 V
MD
NCP163AMX280TBG
2.8 V
MM
NCP163AMX285TBG
2.85 V
MQ
NCP163AMX290TBG
2.9 V
MR
NCP163AMX300TBG
3.0 V
MJ
NCP163AMX330TBG
3.3 V
MK
NCP163AMX500TBG
5.0 V
ML
NCP163BMX180TBG
1.8 V
PA
250 mA, Non−Active Discharge
NCP163BMX1825TBG
1.825 V
PC
NCP163BMX275TBG
2.75 V
PD
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Contact sales office for availability information.


Similar Part No. - NCP163BFCT2925T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163BFCT2925T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com