Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP163AMX130TBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP163AMX130TBG
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163AMX130TBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP163AMX130TBG Datasheet HTML 1Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 2Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 3Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 4Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 5Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 6Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 7Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 8Page - ON Semiconductor NCP163AMX130TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP163
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS −40
°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 1 V; IOUT = 1 mA, CIN = COUT = 1 mF, unless otherwise
noted. VEN = 1.2 V. Typical values are at TJ = +25°C (Note 4).
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.2
5.5
V
Output Voltage Accuracy
VIN = (VOUT(NOM) + 1 V) to 5.5 V
0 mA
≤ IOUT ≤ 250 mA
VOUT
−2
+2
%
VIN = (VOUT(NOM) + 1 V) to 5.5 V
0 mA
≤ IOUT ≤ 250 mA
(for VOUT < 1.8 V, XDFN4 package)
VOUT
−3
+3
%
Line Regulation
VOUT(NOM) + 1 V ≤ VIN ≤ 5.5 V
LineReg
0.02
%/V
Load Regulation
IOUT = 1 mA to 250 mA
LoadReg
0.001
%/mA
Dropout Voltage (Note 5)
IOUT = 250 mA
VOUT(NOM) = 3.3 V
VDO
80
145
mV
Output Current Limit
VOUT = 90% VOUT(NOM)
ICL
250
700
mA
Short Circuit Current
VOUT = 0 V
ISC
690
Quiescent Current
IOUT = 0 mA
IQ
12
20
mA
Shutdown Current
VEN ≤ 0.4 V, VIN = 4.8 V
IDIS
0.01
1
mA
EN Pin Threshold Voltage
EN Input Voltage “H”
VENH
1.2
V
EN Input Voltage “L”
VENL
0.4
EN Pull Down Current
VEN = 4.8 V
IEN
0.2
0.5
mA
Turn−On Time
COUT = 1 mF, From assertion of VEN to
VOUT = 95% VOUT(NOM)
120
ms
Power Supply Rejection Ratio
IOUT = 20 mA
f = 100 Hz
f = 1 kHz
f = 10 kHz
f = 100 kHz
PSRR
91
92
85
60
dB
Output Voltage Noise
f = 10 Hz to 100 kHz
IOUT = 1 mA
IOUT = 250 mA
VN
8.0
6.5
mVRMS
Thermal Shutdown Threshold
Temperature rising
TSDH
160
°C
Temperature falling
TSDL
140
°C
Active Output Discharge Resistance
VEN < 0.4 V, Version A only
RDIS
280
W
Line Transient (Note 6)
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) +
1.6 V) in 30
ms, IOUT = 1 mA
TranLINE
−1
mV
VIN = (VOUT(NOM) + 1.6 V) to (VOUT(NOM) +
1 V) in 30
ms, IOUT = 1 mA
+1
Load Transient (Note 6)
IOUT = 1 mA to 200 mA in 10 ms
TranLOAD
−40
mV
IOUT = 200 mA to 1mA in 10 ms
+40
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TA = 25°C.
Low duty cycle pulse techniques are used during the testing to maintain the junction temperature as close to ambient as possible.
5. Dropout voltage is characterized when VOUT falls 100 mV below VOUT(NOM).
6. Guaranteed by design.


Similar Part No. - NCP163AMX130TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163AMX130TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com