Electronic Components Datasheet Search |
|
JCA0412S12 Datasheet(PDF) 1 Page - XP Power Limited |
|
JCA0412S12 Datasheet(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 4/6 Watts • Compact 1.0”x 0.8”Metal Package • Industry Standard Pin Out • 2:1 Input Range • Single & Dual Outputs • Operating Temperature -40 °C to +100 °C • UL & TUV Approved • 3 Year Warranty JCA Series Input Input Voltage Range • 5 V (4.5-9.0 VDC), 12 V (9-18 VDC) 24 V (18-36 VDC), 48 V (36-75 VDC) Input Current • See table Input Filter • Pi network Input Surge • 5 V models 10 V for 1 s max, 12 V models 25 V for 1 s max, 24 V models 50 V for 1 s max, 48 V models 100 V for 1 s max Input Reflected Ripple • 80 mA for 5 V models 30 mA for all other models Output Output Voltage • See table Initial Set Accuracy • ±1% max Start Up Delay • 200 ms max Start Up Rise Time • 3.5 ms typical Minimum Load • No minimum load required Line Regulation • ±0.3% Load Regulation • ±1% Cross Regulation • ±5% on dual output models Transient Response • 4% max deviation, recovery to within 1% in <500 µs for a 25% load change at 1 A/µs Ripple & Noise • 50 mV pk-pk, 20 MHz bandwidth Overcurrent Protection • 150% typical, trip & restart (hiccup mode) Short Circuit Protection • Continuous with auto recovery Overvoltage Protection • 150% typical, Recycle input to reset Temperature • ±0.05%/°C Coefficient xppower.com General Efficiency • See table Isolation • 1500 VDC Input to Output, basic insulation 500 VDC Input to Case 500 VDC Output to Case Switching Frequency • 300 kHz typical Power Density • JCA04: 12.5 W/in3, JCA06: 18.8 W/in3 MTBF • 1.0 MHrs to MIL-HDBK-217F at 25 °C, GB Environmental Operating Temperature • -40 °C to +100 °C output power derates from 100% load at +75 °C linearly to 0% load at +100 °C Case Temperature • +100 °C max Storage Temperature • -55 °C to +125 °C Cooling • Convection cooled Operating Humidity • Up to 95% RH, non-condensing EMC & Safety Emissions • EN55022, level A conducted & radiated (level B with external components, see application note) ESD Immunity • EN61000-4-2, level 2 Perf Criteria A Radiated Immunity • EN61000-4-3 3 V/m Perf Criteria A Conducted Immunity • EN61000-4-6 3 V rms Perf Criteria A Magnetic Fields • EN61000-4-8, 10 A/m, Perf Criteria A Safety Approvals • EN60950-1, UL60950-1, CSA C22.2 No. 60950-1-03, CE Mark LVD |
Similar Part No. - JCA0412S12 |
|
Similar Description - JCA0412S12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |