Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6005B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N6005B
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N6005B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N6005B Datasheet HTML 1Page - Fairchild Semiconductor 1N6005B Datasheet HTML 2Page - Fairchild Semiconductor 1N6005B Datasheet HTML 3Page - Fairchild Semiconductor 1N6005B Datasheet HTML 4Page - Fairchild Semiconductor 1N6005B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
1N5985B - 1N6025B, Rev. C
Electrical Characteristics T
A=25°C unless otherwise noted
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Zener Impedance
leakage Current
IZM(mA)
(Note 2)
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @ IZK = 250µµµµA
(
Ω)
IR
(mA)
VR
(V)
1N5985B
1N5986B
1N5987B
1N5988B
1N5989B
2.58
2.565
2.85
3.135
3.42
2.4
2.7
3
3.3
3.6
2.52
2.835
3.15
3.465
3.78
5
5
5
5
5
100
100
95
95
90
1800
1900
2000
2200
2300
100
75
50
25
15
1
1
1
1
1
208
185
167
152
139
1N5990B
1N5991B
1N5992B
1N5993B
1N5994B
3.705
4.085
4.465
4.845
5.32
3.9
4.3
4.7
5.1
5.6
4.095
4.515
4.935
5.355
5.88
5
5
5
5
5
90
88
70
50
25
2400
2500
2200
2050
1800
10
5
3
2
2
1
1
1.5
2
3
128
116
106
98
89
1N5995B
1N5996B
1N5997B
1N5998B
1N5999B
5.89
6.46
7.125
7.79
8.645
6.2
6.8
7.5
8.2
9.1
6.51
7.14
7.875
8.61
9.555
5
5
5
5
5
10
8
7
7
10
1300
750
600
600
600
1
1
0.5
0.5
0.1
4
5.2
6
6.5
7
81
74
67
61
55
1N6000B
1N6001B
1N6002B
1N6003B
1N6004B
9.5
10.45
11.4
12.35
14.25
10
11
12
13
15
10.5
11.55
12.6
13.65
15.75
5
5
5
5
5
15
18
22
25
32
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
8
8.4
9.1
9.9
11
50
45
42
38
33
1N6005B
1N6006B
1N6007B
1N6008B
1N6009B
15.2
17.1
19
20.9
22.8
16
18
20
22
24
16.8
18.9
21
23.1
25.2
5
5
5
5
5
36
42
48
55
62
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
12
14
15
17
18
31
28
25
23
21
1N6010B
1N6011B
1N6012B
1N6013B
1N6014B
25.65
28.5
31.35
34.2
37.05
27
30
33
36
39
28.35
31.5
34.65
37.8
40.95
5
5
5
5
2
70
78
88
95
130
600
600
700
700
800
0.1
0.1
0.1
0.1
0.1
21
23
25
27
30
19
17
15
14
13
Zeners
1N5985B - 1N6025B
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL
≤ 75°C, Lead Length = 3/8”
500
mW
Derate above 75
°C4.0
mW/
°C
TJ, TSTG Operating and Storage Temperature Range
-65 to +200
°C
Tolerance = 5%
DO-35 Glass case
COLOR BAND DENOTES CATHODE


Similar Part No. - 1N6005B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
1N6005B YEASHIN-1N6005B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
1N6005B MCC-1N6005B Datasheet
173Kb / 3P
   500 mW Zener Diode 2.4 ??47Volts
logo
Microsemi Corporation
1N6005BUR MICROSEMI-1N6005BUR Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N6005BUR-1 MICROSEMI-1N6005BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
More results

Similar Description - 1N6005B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com