Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP163AMX275TBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP163AMX275TBG
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163AMX275TBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP163AMX275TBG Datasheet HTML 1Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 2Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 3Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 4Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 5Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 6Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 7Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 8Page - ON Semiconductor NCP163AMX275TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP163
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Load Regulation vs. Temperature −
VOUT = 3.3 V
Figure 10. Load Regulation vs. Temperature −
VOUT = 5.0 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
80
60
40
20
0
−20
−40
0
20
120
100
80
60
20
0
−20
−40
Figure 11. Ground Current vs. Load Current −
VOUT = 1.8 V
IOUT, OUTPUT CURRENT (mA)
225
175
150
125
100
75
25
0
1500
100
140
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
40
140
VIN = 5.5 V
VOUT = 5.0 V
CIN = 1 mF
COUT = 1 mF
50
200
250
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
18
16
14
12
10
8
6
4
2
0
20
18
16
14
12
10
8
6
4
2
1350
1200
1050
900
750
600
450
300
150
0
Figure 12. Ground Current vs. Load Current −
VOUT = 3.3 V
IOUT, OUTPUT CURRENT (mA)
225
175
150
125
100
75
25
0
1500
50
200
250
1350
1200
1050
900
750
600
450
300
150
0
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
Figure 13. Ground Current vs. Load Current −
VOUT = 5.0 V
Figure 14. Dropout Voltage vs. Load Current −
VOUT = 1.8 V
IOUT, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (mA)
225
175
150
125
75
50
25
0
0
225
200
150
125
100
50
25
0
250
VIN = 5.5 V
VOUT = 5.5 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
100
200
250
75
175
250
TJ = 125°C
TJ = 25°C
TJ = −40°C
1500
1350
1200
1050
900
750
600
450
300
150
0
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
225
200
175
150
125
100
75
50
25
0


Similar Part No. - NCP163AMX275TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163AMX275TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com