Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2002 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2002
Description  Sub-One Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2002_13 Datasheet HTML 1Page - ON Semiconductor NCS2002_13 Datasheet HTML 2Page - ON Semiconductor NCS2002_13 Datasheet HTML 3Page - ON Semiconductor NCS2002_13 Datasheet HTML 4Page - ON Semiconductor NCS2002_13 Datasheet HTML 5Page - ON Semiconductor NCS2002_13 Datasheet HTML 6Page - ON Semiconductor NCS2002_13 Datasheet HTML 7Page - ON Semiconductor NCS2002_13 Datasheet HTML 8Page - ON Semiconductor NCS2002_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
7.0
V
Input Differential Voltage Range (Note 1)
VIDR
VEE – 300 mV to 7.0 V
V
Input Common Mode Voltage Range (Note 1)
VICR
VEE – 300 mV to 7.0 V
V
Output Short Circuit Duration (Note 2)
tSc
Indefinite
sec
Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
SOT23−6 Package
Thermal Resistance, Junction−to−Air
Power Dissipation @ TA = 70°C
RqJA
PD
235
340
°C/W
mW
Operating Ambient Temperature Range
NCS2002
NCV2002 (Note 3)
TA
−40 to 105
−40 to 125
°C
Storage Temperature Range
Tstg
−65 to 150
°C
ESD Protection at any Pin Human Body Model (Note 4)
VESD
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Either or both inputs should not exceed the range of VEE – 300 mV to VEE + 7.0 V.
2. Maximum package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJTA + (PD RqJA)
3. NCV prefix is for automotive and other applications requiring site and change control.
4. ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS (VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C, unless otherwise noted)
Rating
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
TA = 0°C to 70°C
TA = −40 to +125°C
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40 to +125°C
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40 to +125°C
VIO
−6.0
−8.5
−9.5
−6.0
−7.0
−7.5
−6.0
−7.5
−7.5
0.5
0.5
0.5
6.0
8.5
9.5
6.0
7.0
7.5
6.0
7.5
7.5
mV
Input Offset Voltage Temperature Coefficient (RS = 50)
TA = −40 to +125°C
DVIO / DT
8.0
mV/°C
Input Bias Current (VCC = 1.0 V to 5.0 V)
IIB
10
pA
Input Common Mode Voltage Range
VICR
VEE to VCC
V
Large Signal Voltage Gain
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
AVOL
10
40
40
40
kV/V
Output Voltage Swing, High State Output (VID = + 0.5 V)
TA = Tlow to Thigh
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
VOH
0.40
0.35
1.45
1.40
2.45
2.40
0.442
0.409
1.494
1.473
2.493
2.469
V


Similar Part No. - NCS2002_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN1T1 ONSEMI-NCS2002SN1T1 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS2002SN1T1 ONSEMI-NCS2002SN1T1 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN1T1G ONSEMI-NCS2002SN1T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN2T1 ONSEMI-NCS2002SN2T1 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS2002SN2T1 ONSEMI-NCS2002SN2T1 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
More results

Similar Description - NCS2002_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com