Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2003 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2003
Description  Operational Amplifiers High Slew Rate, Rail-to-Rail Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2003 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2003 Datasheet HTML 7Page - ON Semiconductor NCS2003 Datasheet HTML 8Page - ON Semiconductor NCS2003 Datasheet HTML 9Page - ON Semiconductor NCS2003 Datasheet HTML 10Page - ON Semiconductor NCS2003 Datasheet HTML 11Page - ON Semiconductor NCS2003 Datasheet HTML 12Page - ON Semiconductor NCS2003 Datasheet HTML 13Page - ON Semiconductor NCS2003 Datasheet HTML 14Page - ON Semiconductor NCS2003 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCS2003/A, NCV2003, NCS20032, NCV20032, NCS20034, NCV20034
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 20. THD+N vs. Frequency
Figure 21. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
10k
1k
100
10
0.0001
140
1
0.1
0.01
0.001
RL = 2 kW
AV = +1
TA = 25°C
f = 1 kHz
VS = 1.8 V
VS = 5 V
100k
10k
1k
100
10
VS = 1.8 V
VIN = VS/2
120
100
80
60
40
20
0
TA = 25°C
Figure 22. Noise Density vs. Frequency
FREQUENCY (Hz)
10
100k
10k
1k
100
10
VS = 1.8 V
VIN = VS/2
1
0.1
0.01
0.001
0.0001
0.00001
TA = 25°C
Figure 23. Falling Edge Slew Rate @ Vs = 5 V
11
12
13
14
FALLING EDGE SLEW RATE (V/
ms)
0
5
10
15
20
25
30
35
40
Figure 24. Rising Edge Slew Rate @ Vs = 5 V
Figure 25. Channel Separation
78
9
RISING EDGE SLEW RATE (V/
ms)
0
5
10
15
20
25
30
35
45
VS = 5 V
TA = 25°C
40
10
100
100K
FREQUENCY (Hz)
−120
−110
−100
−90
−70
−50
−40
−30
0
−10
1K
10K
1M
−80
−60
−20
TA = 25°C
Vs = 1.8 V
Vs = 5 V


Similar Part No. - NCS2003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
NCS2003 ONSEMI-NCS2003 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032 ONSEMI-NCS20032 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032DMR2G ONSEMI-NCS20032DMR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032DR2G ONSEMI-NCS20032DR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results

Similar Description - NCS2003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Texas Instruments
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com