Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV2001SN2T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV2001SN2T1G
Description  Rail-to-Rail, Single Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2001SN2T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV2001SN2T1G Datasheet HTML 1Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 2Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 3Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 4Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 5Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 6Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 7Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 8Page - ON Semiconductor NCV2001SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 17
1
Publication Order Number:
NCS2001/D
NCS2001, NCV2001
0.9 V, Rail-to-Rail, Single
Operational Amplifier
The NCS2001 is an industry first sub−one voltage operational
amplifier that features a rail−to−rail common mode input voltage range,
along with rail−to−rail output drive capability. This amplifier is
guaranteed to be fully operational down to 0.9 V, providing an ideal
solution for powering applications from a single cell Nickel Cadmium
(NiCd) or Nickel Metal Hydride (NiMH) battery. Additional features
include no output phase reversal with overdriven inputs, trimmed input
offset voltage of 0.5 mV, extremely low input bias current of 40 pA, and
a unity gain bandwidth of 1.4 MHz at 5.0 V. The tiny NCS2001 is the
ideal solution for small portable electronic applications and is available
in the space saving SOT23−5 and SC70−5 packages with two industry
standard pinouts.
Features
0.9 V Guaranteed Operation
Rail−to−Rail Common Mode Input Voltage Range
Rail−to−Rail Output Drive Capability
No Output Phase Reversal for Over−Driven Input Signals
0.5 mV Trimmed Input Offset
10 pA Input Bias Current
1.4 MHz Unity Gain Bandwidth at "2.5 V, 1.1 MHz at "0.5 V
Tiny SC70−5 and SOT23−5 Packages
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Single Cell NiCd/NiMH Battery Powered Applications
Cellular Telephones
Pagers
Personal Digital Assistants
Electronic Games
Digital Cameras
Camcorders
Hand−Held Instruments
Figure 1. Typical Application
This device contains 63 active transistors.
-
+
0.8 V
to
7.0 V
Rail to Rail Input
Rail to Rail Output
http://onsemi.com
ORDERING INFORMATION
SOT23−5
SN SUFFIX
CASE 483
PIN CONNECTIONS
1
VOUT
VCC
Non−Inverting
Input
2
3
5
4
VEE
Inverting
Input
Style 1 Pinout (SN1T1, SQ1T2)
+ −
1
VOUT
VEE
Non−Inverting
Input
2
3
5
4
VCC
Inverting
Input
Style 2 Pinout (SN2T1, SQ2T2)
+ −
MARKING DIAGRAMS
x = G for SN1
H for SN2
I for SQ1
J for SQ2
A = Assembly Location
Y = Year
W = Work Week
M = Date Code
G =Pb−Free Package
1 2
3
4
5
SC70−5
SQ SUFFIX
CASE 419A
1
5
See detailed ordering and shipping information in the
dimensions section on page 14 of this data sheet.
AAx
|
(Note: Microdot may be in either location)
1
5
MBB AYWG
G
1
5
AAx AYWG
G
NCV2001SN2
1
5


Similar Part No. - NCV2001SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2001SN2T1G ONSEMI-NCV2001SN2T1G Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCV2001SN2T1G ONSEMI-NCV2001SN2T1G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCV2001SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com