Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2003ASN2T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2003ASN2T1G
Description  Operational Amplifiers High Slew Rate, Rail-to-Rail Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2003ASN2T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2003ASN2T1G Datasheet HTML 1Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 2Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 3Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 4Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 5Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 6Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2003ASN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCS2003/A, NCV2003, NCS20032, NCV20032, NCS20034, NCV20034
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS: VS = +1.8 V
At TA = +25°C, RL = 10 kW connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted. Boldface limits apply over the
specified temperature range. Guaranteed by design and/or characterization.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
NCS2003A
0.5
3.0
mV
NCx2003, NCx20032, NCx20034
0.5
4.0
mV
5.0
mV
Offset Voltage Drift
DVOS/DT
2.0
mV/°C
NCS2003A (Note 8)
6.0
mV/°C
Input Bias Current
IIB
1
pA
Input Offset Current
IOS
1
pA
Channel Separation
XTLK
DC, NCx20032, NCx20034
100
dB
Input Resistance
RIN
1
T
W
Input Capacitance
CIN
1.2
pF
Common Mode Rejection
Ratio
CMRR
VIN = VSS to VDD – 0.6 V
70
80
dB
VIN = VSS + 0.2 V to VDD – 0.6 V
65
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
RL = 10 kW
80
92
dB
75
RL = 2 kW
92
70
Output Current Capability
(Note 8)
ISC
Sourcing
5
8
mA
Sinking
10
14
Output Voltage High
VOH
RL = 10 kW
1.75
1.798
V
RL = 2 kW
1.7
1.78
Output Voltage Low
VOL
RL = 10 kW
NCx2003, A
7
50
mV
NCx2003x
7
100
RL = 2 kW
20
100
NOISE PERFORMANCE
Voltage Noise Density
eN
f = 1 kHz
20
nV/
√Hz
Current Noise Density
iN
f = 1 kHz
0.1
pA
√Hz
DYNAMIC PERORMANCE
Gain Bandwidth Product
GBWP
5
MHz
Slew Rate at Unity Gain
SR
Rising Edge, RL = 2 kW, AV = +1
6
V/
ms
Falling Edge, RL = 2 kW, AV = +1
9
Phase Margin
ym
RL = 10 kW, CL = 5 pF
53
°
Gain Margin
Am
RL = 10 kW, CL = 5 pF
NCx2003, A
12
dB
NCx2003x
8
Settling Time
tS
VO = 1 Vpp,
Gain = 1, CL = 20 pF
Settling time to
0.1%
1.8
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Guaranteed by design and/or characterization.


Similar Part No. - NCS2003ASN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003ASN2T1G ONSEMI-NCS2003ASN2T1G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results

Similar Description - NCS2003ASN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Texas Instruments
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com