Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2333MNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2333MNTXG
Description  Low Power, Zero-Drift Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2333MNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS2333MNTXG Datasheet HTML 3Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 4Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 5Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 6Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 7Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 8Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 9Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 10Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCS333, NCV333, NCS2333, NCV2333, NCS4333, NCV4333
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 1. Open Loop Gain and Phase Margin
vs. Frequency
Figure 2. CMRR vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
−20
0
20
60
80
120
1M
100k
10k
1k
100
10
0
10
30
50
70
80
100
120
Figure 3. PSRR vs. Frequency
Figure 4. Output Voltage Swing vs. Output
Current
FREQUENCY (Hz)
OUTPUT CURRENT (mA)
100k
10k
1k
100
10
0
20
40
60
80
100
120
9
7
6
5
4
2
1
0
−3
−2
−1
0
1
2
3
20
40
60
90
110
T = 25
°C
T = 25
°C
+PSRR
−PSRR
38
10
T = 25
°C
VS = 5.5 V, VOH
VS = 1.8 V, VOH
VS = 1.8 V, VOL
VS = 5.5 V, VOL
−40
40
100
Gain
Phase Margin
1M
100k
10k
1k
100
10
CL = 100 pF
RL = 10 kW
T = 25
°C
1M
15
30
45
75
90
120
0
60
105


Similar Part No. - NCS2333MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2333MUTBG ONSEMI-NCS2333MUTBG Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results

Similar Description - NCS2333MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
   Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com