Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20032DMR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS20032DMR2G
Description  Operational Amplifiers High Slew Rate, Rail-to-Rail Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20032DMR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS20032DMR2G Datasheet HTML 4Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 5Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 6Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 7Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 8Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 9Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 10Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 11Page - ON Semiconductor NCS20032DMR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCS2003/A, NCV2003, NCS20032, NCV20032, NCS20034, NCV20034
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 2. Quiescent Supply Current vs. Supply
Voltage
Figure 3. Quiescent Supply Current vs.
Temperature
12
700
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
−50
125
VS = 1.8 V
−25
0
25
75
100
Figure 4. Input Offset Current vs. VCM
01
2
3
4
5
20
VCM, COMMON MODE VOLTAGE (V)
Figure 5. Low Level Output Voltage vs. Output
Current @ VS = 1.8 V
LOW LEVEL OUTPUT CURRENT (mA)
1.8
0
5
10
15
20
Figure 6. Low Level Output Voltage vs. Output
Current @ VS = 5 V
0
5
10
15
LOW LEVEL OUTPUT CURRENT (mA)
0.5
0.4
0.3
0.2
0.1
0
Figure 7. High Level Output Voltage vs. Output
Current @ VS = 1.8 V
HIGH LEVEL OUTPUT CURRENT (mA)
1.8
VS = 1.8 V
0−2
−4
−6
−8
−10
+25
°C
+85
°C
−40
°C
No Load
600
500
400
300
200
100
0
34
5
600
500
400
300
200
100
0
VS = 2.7 V
VS = 5 V
No Load
50
VS = 5 V
18
16
14
12
10
8
6
4
2
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
VS = 1.8 V
VS = 5 V
20
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
+125
°C
+25
°C
+85
°C
−40
°C
+125
°C
+85
°C
+25
°C
−40
°C
+125
°C
+85
°C
+125
°C
−40
°C
+25
°C
+125
°C
+85
°C
+25
°C
−40
°C


Similar Part No. - NCS20032DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20032DMR2G ONSEMI-NCS20032DMR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results

Similar Description - NCS20032DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Texas Instruments
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com