Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20032DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS20032DR2G
Description  Operational Amplifiers High Slew Rate, Rail-to-Rail Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20032DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS20032DR2G Datasheet HTML 1Page - ON Semiconductor NCS20032DR2G Datasheet HTML 2Page - ON Semiconductor NCS20032DR2G Datasheet HTML 3Page - ON Semiconductor NCS20032DR2G Datasheet HTML 4Page - ON Semiconductor NCS20032DR2G Datasheet HTML 5Page - ON Semiconductor NCS20032DR2G Datasheet HTML 6Page - ON Semiconductor NCS20032DR2G Datasheet HTML 7Page - ON Semiconductor NCS20032DR2G Datasheet HTML 8Page - ON Semiconductor NCS20032DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCS2003/A, NCV2003, NCS20032, NCV20032, NCS20034, NCV20034
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Over operating free−air temperature, unless otherwise stated
Parameter
Symbol
Limit
Unit
Supply Voltage (VDD − VSS)
VS
7.0
V
INPUT AND OUTPUT PINS
Input Voltage (Note 1)
VIN
VSS − 0.3 to 7.0
V
Input Current
IIN
10
mA
Output Short Current (Note 2)
IO
100
mA
TEMPERATURE
Storage Temperature
TSTG
−65 to 150
°C
Junction Temperature
TJ
150
°C
ESD RATINGS (Note 3)
Human Body Model
NCx2003, A
NCx20032
NCx20034
HBM
3000
2000
3000
V
Machine Model
NCx2003, A
NCx20032
NCx20034
MM
200
100
150
V
Charged Device Model
NCx2003, A
NCx2003x
CDM
1000
2000
V
OTHER PARAMETERS
Moisture Sensitivity Level (Note 5)
MSL
Level 1
Latch−up Current (Note 4)
ILU
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Neither input should exceed the range of VSS − 300 mV to 7.0 V. This device contains internal protection diodes between the input pins and
VDD. When VIN exceeds VDD, the input current should be limited to the specified value.
2. Indefinite duration; however, maximum package power dissipation limits must be observed to ensure that the maximum junction temperature
is not exceeded.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 and JESD22−A114
ESD Machine Model tested per AEC−Q100−003 and JESD22−A115
ESD Charged Device Model tested per AEC−Q100−011 and ANSI/ESD S5.3.1−2009
4. Latch−up current tested per JEDEC Standard JESD78.
5. Moisture Sensitivity Level tested per IPC/JEDEC standard J−STD−020A.
THERMAL INFORMATION
Thermal Metric
Symbol
Package
Single Layer Board (Note 6)
Multi Layer Board (Note 7)
Unit
Junction to Ambient
Thermal Resistance
qJA
SOT23−5/TSOP−5
408
355
°C/W
SOT553−5
428
406
Micro8/MSOP8
235
163
SOIC−8
240
179
TSSOP−8
300
238
SOIC−14
167
123
6. Values based on a 1S standard PCB according to JEDEC51−3 with 1.0 oz copper and a 300 mm2 copper area
7. Values based on a 1S2P standard PCB according to JEDEC51−7 with 1.0 oz copper and a 100 mm2 copper area
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Operating Supply Voltage (VDD − VSS)
VS
1.7
5.5
V
Specified Operating Range
NCS2003, A
NCV2003, NCx20032, NCx20034
TA
−40
−40
+85
+125
°C
Input Common Mode Range
VCM
VSS
VDD−0.6
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCS20032DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20032DR2G ONSEMI-NCS20032DR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results

Similar Description - NCS20032DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Texas Instruments
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com