Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20081SN3T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS20081SN3T1G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20081SN3T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS20081SN3T1G Datasheet HTML 5Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 6Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 7Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 8Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 9Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 10Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 11Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 12Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCS20081, NCV20081, NCS20082, NCV20082, NCS20084, NCV20084
www.onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RL ≥ 10 kW, VCM = VOUT = mid−supply unless otherwise specified
Figure 8. Phase Margin vs. Capacitive Load
Figure 9. THD + N vs. Output Voltage
CAPACITIVE LOAD (pF)
OUTPUT VOLTAGE (Vpp)
500
400
300
200
100
0
0
10
20
30
40
50
60
1
0.1
0.01
0.0001
0.001
0.01
0.1
1
10
100
Figure 10. THD + N vs. Frequency
Figure 11. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
10k
1k
100
10
0.001
0.01
0.1
1
100k
10k
1k
100
10
1
0
100
200
300
400
500
600
Figure 12. Input Current Noise vs. Frequency
Figure 13. PSRR vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
10k
1k
100
10
1
0
100
300
400
500
600
800
900
1M
100k
10k
1k
100
10
0
40
120
VS = 5.5 V
RL = 10 kW
T = 25
°C
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
AV = 1
VS = 5.5 V
200
700
20
60
80
VS = 5.5 V
fIN = 1 kHz
AV = 1
VS = 5.5 V
VS = 5.5 V, PSRR+
VS = 5.5 V, PSRR−
VS = 1.8 V, PSRR+
VS = 1.8 V, PSRR−
100


Similar Part No. - NCS20081SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCS20081SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com