Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCA0312S03 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCA0312S03
Description  2/3 Watts JCA Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA0312S03 Datasheet(HTML) 2 Page - XP Power Limited

  JCA0312S03 Datasheet HTML 1Page - XP Power Limited JCA0312S03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-Aug-15
JCA02/03
Mechanical Details and Application Note
Models and Ratings
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. Input current is at nominal input voltage.
3. Efficiency is measured at nominal input and full load at 25 °C.
0.02
(0.5)
0.1 (2.5)
0.02 (0.5)
0.90
(22.9)
0.60
(15.2)
0.20
(5.1)
1.00
(25.4)
0.4 ±0.02
(10.0 ± 0.5)
0.15
(3.8)
23
2
22
3
16
9
14
11
0.60 (15.2)
0.09 (±0.02)
(2.4 ±0.5)
0.80 ±0.02
(20.3 ±0.5)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No pin
Common
11
N/C
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input Voltage(1)
Output Voltage
Output Current
Input Current(2)
Efficiency
Model Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
0.600 A
28 mA
560 mA
69%
JCA0205S03
5.0 VDC
0.400 A
10 mA
535 mA
73%
JCA0205S05
12.0 VDC
0.170 A
15 mA
526 mA
74%
JCA0205S12
15.0 VDC
0.140 A
26 mA
559 mA
74%
JCA0205S15
±5.0 VDC
±0.200 A
15 mA
502 mA
74%
JCA0205D01
±12.0 VDC
±0.085 A
19 mA
537 mA
73%
JCA0205D02
±15.0 VDC
±0.070 A
25 mA
560 mA
70%
JCA0205D03
9-18 VDC
3.3 VDC
0.600 A
8 mA
225 mA
72%
JCA0212S03
5.0 VDC
0.400 A
5 mA
224 mA
74%
JCA0212S05
12.0 VDC
0.170 A
5 mA
223 mA
74%
JCA0212S12
15.0 VDC
0.140 A
7 mA
227 mA
74%
JCA0212S15
±5.0 VDC
±0.200 A
10 mA
219 mA
74%
JCA0212D01
±12.0 VDC
±0.085 A
9 mA
223 mA
74%
JCA0212D02
±15.0 VDC
±0.070 A
11 mA
232 mA
73%
JCA0212D03
18-36 VDC
3.3 VDC
0.600 A
3 mA
112 mA
73%
JCA0224S03
5.0 VDC
0.400 A
3 mA
107 mA
75%
JCA0224S05
12.0 VDC
0.170 A
4 mA
109 mA
75%
JCA0224S12
15.0 VDC
0.140 A
4 mA
111 mA
75%
JCA0224S15
±5.0 VDC
±0.200 A
3 mA
107 mA
76%
JCA0224D01
±12.0 VDC
±0.085 A
5 mA
108 mA
76%
JCA0224D02
±15.0 VDC
±0.070 A
6 mA
115 mA
73%
JCA0224D03
36-75 VDC
3.3 VDC
0.600 A
3 mA
62 mA
71%
JCA0248S03
5.0 VDC
0.400 A
5 mA
58 mA
70%
JCA0248S05
12.0 VDC
0.170 A
3 mA
58 mA
70%
JCA0248S12
15.0 VDC
0.140 A
3 mA
59 mA
72%
JCA0248S15
±5.0 VDC
±0.200 A
2 mA
56 mA
73%
JCA0248D01
±12.0 VDC
±0.085 A
3 mA
57 mA
73%
JCA0248D02
±15.0 VDC
±0.070 A
3 mA
60 mA
70%
JCA0248D03
Input Voltage(1)
Output Voltage
Output Current
Input Current(2)
Efficiency
Model Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
0.910 A
28 mA
873 mA
68%
JCA0305S03
5.0 VDC
0.600 A
10 mA
835 mA
74%
JCA0305S05
12.0 VDC
0.260 A
15 mA
805 mA
75%
JCA0305S12
15.0 VDC
0.200 A
26 mA
804 mA
74%
JCA0305S15
±5.0 VDC
±0.300 A
15 mA
778 mA
74%
JCA0305D01
±12.0 VDC
±0.130 A
19 mA
793 mA
74%
JCA0305D02
±15.0 VDC
±0.100 A
25 mA
820 mA
73%
JCA0305D03
9-18 VDC
3.3 VDC
0.910 A
8 mA
333 mA
74%
JCA0312S03
5.0 VDC
0.600 A
5 mA
324 mA
75%
JCA0312S05
12.0 VDC
0.260 A
5 mA
315 mA
78%
JCA0312S12
15.0 VDC
0.200 A
7 mA
322 mA
77%
JCA0312S15
±5.0 VDC
±0.300 A
10 mA
325 mA
75%
JCA0312D01
±12.0 VDC
±0.130 A
9 mA
313 mA
75%
JCA0312D02
±15.0 VDC
±0.100 A
11 mA
322 mA
73%
JCA0312D03
18-36 VDC
3.3 VDC
0.910 A
3 mA
165 mA
74%
JCA0324S03
5.0 VDC
0.600 A
3 mA
157 mA
77%
JCA0324S05
12.0 VDC
0.260 A
4 mA
154 mA
77%
JCA0324S12
15.0 VDC
0.200 A
4 mA
157 mA
77%
JCA0324S15
±5.0 VDC
±0.300 A
3 mA
156 mA
77%
JCA0324D01
±12.0 VDC
±0.130 A
5 mA
154 mA
77%
JCA0324D02
±15.0 VDC
±0.100 A
6 mA
160 mA
75%
JCA0324D03
36-75 VDC
3.3 VDC
0.910 A
3 mA
82 mA
73%
JCA0348S03
5.0 VDC
0.600 A
5 mA
82 mA
74%
JCA0348S05
12.0 VDC
0.260 A
6 mA
79 mA
75%
JCA0348S12
15.0 VDC
0.200 A
6 mA
81 mA
75%
JCA0348S15
±5.0 VDC
±0.300 A
2 mA
79 mA
76%
JCA0348D01
±12.0 VDC
±0.130 A
3 mA
78 mA
76%
JCA0348D02
±15.0 VDC
±0.100 A
3 mA
82 mA
74%
JCA0348D03
8 µH
10 µF
1 µF
+Vin
-Vin
+
-
Input Filter
To meet level B conducted emissions.
1. All dimensions in inches (mm)
2. Weight: 0.03 lbs (12 g)
3. Pin diameter tolerance: ±0.00079 (±0.02)
4. Pin pitch tolerance: ±0.01 (±0.25)
5. Case tolerance: ±0.02 (±0.5)


Similar Part No. - JCA0312S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA0312S03 XPPOWER-JCA0312S03 Datasheet
188Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCA0312S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA1005D01 XPPOWER-JCA1005D01 Datasheet
107Kb / 2P
   10 Watts JCA Series
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
   4/6 Watts JCA Series
logo
Artesyn Technologies
DCH3-050EU-0001 ARTESYN-DCH3-050EU-0001 Datasheet
919Kb / 4P
   DCH3 Series 3 Watts
logo
XP Power Limited
JCB03 XPPOWER-JCB03 Datasheet
251Kb / 2P
   3 Watts JCB Series
logo
Artesyn Technologies
DCH3-050US-0004 ARTESYN-DCH3-050US-0004 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
DCH3-050EU-0005 ARTESYN-DCH3-050EU-0005 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
logo
List of Unclassifed Man...
IH0503S ETC2-IH0503S Datasheet
117Kb / 1P
   2 Watts IH Series
logo
Artesyn Technologies
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
   DCH2 Series 2 Watts
logo
XP Power Limited
IM2403SA XPPOWER-IM2403SA Datasheet
116Kb / 1P
   2 Watts IM Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com