Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCE06 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCE06
Description  6 Watts JCE Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE06 Datasheet(HTML) 1 Page - XP Power Limited

  JCE06 Datasheet HTML 1Page - XP Power Limited JCE06 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
6 Watts
2:1 Input Range
DIP24 Plastic Case
Operating Temperature 40 °C to +100 °C
Single & Dual Outputs
Optional Metal Case
1500 VDC Isolation, 3000 VDC Option
3 Year Warranty
JCE Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected Ripple
• 20 mA pk-pk through 12 µH inductor
and 4.7 µF capacitor
Input Surge
• 12 V models 25 VDC for 100 ms
24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Under Voltage Lockout
• 12 V models on >8.5 V, off <8.0 V
24 V models on >16.5 V, off <15.5 V
48 V models on >34.5 V, off <33.5 V
Output
Output Voltage
• See table
Output Voltage Balance
• ±2% max, dual output models
Initial Set Accuracy
• ±2% max
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• ±1.2% max, for single output and ±5%
max for dual output from 10-100%
Cross Regulation
• ±5% max, on dual output models
(see note 1)
Start Up Delay
• 20 ms typical
Ripple & Noise
• 80 mV pk-pk (100 mV for D24 models),
20 MHz bandwidth. See note 2
Transient Response
• 3% max deviation, recovery to within 1%
in 300 µs for a 25% load change (4%
max. deviation for S3V3 models)
Overload Protection
• 135% - 185% of full load
Short Circuit Protection
• Trip and restart (hiccup mode),
auto recovery
Maximum Capacitive
• See table
Load
Temperature
• 0.02%/°C max
Coefficient
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC Input to Output
For optional high isolation versions
3000 VDC Input to Output add suffix -H to
model number
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 1000 pF typical input to output
Isolation Resistance
• 109
Switching Frequency
• 330 kHz typical
Power Density
• 15 W/in3
MTBF
• >800 KHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C (see derating curve)
Case Temperature
• +100 °C max
Storage Temperature
• -55 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
EMC
Emissions
• EN55022 Class A conducted
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria B
Radiated Immunity
• EN61000-4-3, 10 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 2, Perf Criteria A*
Conducted Immunity
• EN61000-4-6, 10 Vrms, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
* External input capacitor required, 220µF/100V (See note 7)


Similar Part No. - JCE06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D12 XPPOWER-JCE0612D12 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D15 XPPOWER-JCE0612D15 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D24 XPPOWER-JCE0612D24 Datasheet
139Kb / 2P
   DIP24 Plastic Case
More results

Similar Description - JCE06

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ASA01F18-L ASTEC-ASA01F18-L Datasheet
127Kb / 2P
   6 Watts
logo
XP Power Limited
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
   4/6 Watts JCA Series
JTC04 XPPOWER-JTC04 Datasheet
261Kb / 2P
   4/6 Watts JTC Series
logo
Artesyn Technologies
ASA01F18-LS ARTESYN-ASA01F18-LS Datasheet
701Kb / 3P
   POWER 6 Watts
ASA01A12-M ARTESYN-ASA01A12-M Datasheet
469Kb / 2P
   Total Power: 6 Watts
logo
SL Power Electronics
D41_DD SLPOWER-D41_DD Datasheet
20Kb / 1P
   D41 Euro Wall Mount 2-6 Watts Series
logo
Bothhand USA, LP.
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
logo
RSG Electronic Componen...
TEN06 RSG-TEN06 Datasheet
181Kb / 3P
   6 WATTS DC-DC CONVERTER
logo
Bothhand USA, LP.
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
logo
Power Mate Technology C...
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com