Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCJ1012S3V3 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCJ1012S3V3
Description  8/10 Watts JCJ Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCJ1012S3V3 Datasheet(HTML) 1 Page - XP Power Limited

  JCJ1012S3V3 Datasheet HTML 1Page - XP Power Limited JCJ1012S3V3 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
8/10 Watts
2:1 Input Range
DIP-24 Metal Package
Operating Temperature -40 °C to +100 °C
Single & Dual Outputs
Continuous Short Circuit Protection
1500 VDC Isolation
3 Year Warranty
JCJ Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected
• JCJ08: 35 mA, JCJ10: 20 mA
Ripple Current
pk-pk through 12 µH inductor
Input Surge
• 12 V models 24/25 VDC for 100 ms
24 V models 40/50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Undervoltage Lockout
• None
Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Output Voltage Balance
• ±1% max, dual output models
Minimum Load
• No minimum load required
Initial Set Accuracy
• ±1% max
Line Regulation
• ±0.5% max
Load Regulation
• ±0.7% for 2.5-3.3 V models, ±0.5% for all
other models (see note 2)
Cross Regulation
• ±5% on dual output models (see note 3)
Transient Response
• <3% max deviation, recovery to within 1%
in 200 µs for a 25% load change
Ripple & Noise
• 75 mV pk-pk, 20 MHz bandwidth,
(see note 4)
Overvoltage Protection
• JCJ10: 3.3 V models: 3.9 V typ.,
5 V models: 6.2 V typ.,
12 V models: 15.0 V typ.,
15 V models: 18.0 V typ.,
±12 V models: ±15.0 V typ.,
±15 V models: ±18.0 V typ.
JCJ08: No OVP
Overload Protection
• >150% of full load
Short Circuit Protection
• Trip & restart (hiccup) with auto recovery
Maximum Capacitive
• See tables
Load
Temperature
• ±0.02/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 1500 VDC Input to Output
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 1200 pF max
Switching Frequency
• 330 kHz typical
Power Density
• JCJ10: 25 W/in3
JCJ08: 20 W/in3
MTBF
• >900 KHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +60 °C to no load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95% RH, non-condensing
Cooling
• Natural convection
EMC
Emissions
• EN55022 Class A conducted
& radiated with external components,
see application note
ESD Immunity
• EN61000-4-2, 8 kV air discharge,
4 kV contact discharge
JCJ10: 6 kV contact discharge,
Perf Criteria A
EFT/Burst
• EN61000-4-4, level 1
JCJ10: level 3, Perf Criteria A, (see note 5)
Surge
• JCJ08: EN61000-4-5, installation class 2,
JCJ10: installation class 3,
Perf Criteria A, (see note 5)
Conducted Immunity
• EN61000-4-6, 3 Vrms
JCJ10: 10 Vrms, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m Perf Criteria A


Similar Part No. - JCJ1012S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCJ1012S3V3 XPPOWER-JCJ1012S3V3 Datasheet
90Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCJ1012S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
   10 Watts JCH Series
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA1005D01 XPPOWER-JCA1005D01 Datasheet
107Kb / 2P
   10 Watts JCA Series
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
   10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
   10 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
   10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
   10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com