Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33202VPG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33202VPG
Description  Low Voltage, Rail-to-Rail Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202VPG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33202VPG Datasheet HTML 2Page - ON Semiconductor MC33202VPG Datasheet HTML 3Page - ON Semiconductor MC33202VPG Datasheet HTML 4Page - ON Semiconductor MC33202VPG Datasheet HTML 5Page - ON Semiconductor MC33202VPG Datasheet HTML 6Page - ON Semiconductor MC33202VPG Datasheet HTML 7Page - ON Semiconductor MC33202VPG Datasheet HTML 8Page - ON Semiconductor MC33202VPG Datasheet HTML 9Page - ON Semiconductor MC33202VPG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
6
40
20
100
80
60
⎮Vout⎮, OUTPUT VOLTAGE (V)
0
f, FREQUENCY (Hz)
12
0
9.0
3.0
6.0
VCC = +6.0 V
VEE = -6.0 V
RL = 600 W
AV = +1.0
TA = 25°C
Figure 8. Output Voltage Swing
versus Supply Voltage
Figure 9. Output Saturation Voltage
versus Load Current
IL, LOAD CURRENT (mA)
VEE
Figure 10. Output Voltage
versus Frequency
12
10
6.0
2.0
0
VCC,⎮VEE⎮ SUPPLY VOLTAGE (V)
Figure 11. Common Mode Rejection
versus Frequency
Figure 12. Power Supply Rejection
versus Frequency
Figure 13. Output Short Circuit Current
versus Output Voltage
120
80
60
f, FREQUENCY (Hz)
8.0
100
80
60
40
f, FREQUENCY (Hz)
0
20
VCC = +6.0 V
VEE = -6.0 V
TA = -55° to +125°C
100
40
20
0
VCC = +6.0 V
VEE = -6.0 V
TA = -55° to +125°C
VCC = +6.0 V
VEE = -6.0 V
TA = 25°C
4.0
TA = 25°C
TA = -55°C
PSR+
PSR-
Source
Sink
VCC = +5.0 V
VEE = -5.0 V
TA = 125°C
TA = 125°C
TA = -55°C
TA = 25°C
10
100
1.0 k
10 k
100 k
1.0 M
0
1.0
2.0
3.0
4.0
5.0
6.0
1.0 k
100 k
1.0 M
10 k
015
20
±1.0
± 2.0
10
5.0
10
100
1.0 k
10 k
100 k
1.0 M
± 3.0
± 4.0
± 5.0
± 6.0
RL = 600 W
TA = 25°C
VCC
VCC - 0.2 V
VCC - 0.4 V
VEE + 0.4 V
VEE + 0.2 V


Similar Part No. - MC33202VPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202VPG ONSEMI-MC33202VPG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
More results

Similar Description - MC33202VPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com