Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJU1117-1.5 Datasheet(PDF) 4 Page - ZP Semiconductor

Part # CJU1117-1.5
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJU1117-1.5 Datasheet(HTML) 4 Page - ZP Semiconductor

  CJU1117-1.5 Datasheet HTML 1Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 2Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 3Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 4Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 5Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 6Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 7Page - ZP Semiconductor CJU1117-1.5 Datasheet HTML 8Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1A LOW DROPOUT LINEAR REGULATOR
ORDERING INFORMATION
Package
Operating Junction Temperature Range
Part Number
CJT1117-ADJ
CJT1117-1.5
CJT1117-1.8
CJT1117-2.5
CJT1117-3.3
SOT-223
0 to 125
CJT1117-5.0
CJA1117-ADJ
CJA1117-1.5
CJA1117-1.8
CJA1117-2.5
CJA1117-3.3
SOT-89
0 to 125
CJA1117-5.0
CJP1117-ADJ
CJP1117-1.5
CJP1117-1.8
CJP1117-2.5
CJP1117-3.3
TO-220
0 to 125
CJP1117-5.0
CJU1117-ADJ
CJU1117-1.5
CJU1117-1.8
CJU1117-2.5
CJU1117-3.3
TO-252
0 to 125
CJU1117-5.0
CJB1117-ADJ
CJB1117-1.5
CJB1117-1.8
CJB1117-2.5
CJB1117-3.3
TO-263
0 to 125
CJB1117-5.0
CJD1117-ADJ
CJD1117-1.5
CJD1117-1.8
CJD1117-2.5
CJD1117-3.3
TO-251
0 to 125
CJD1117-5.0
CJ Χ 1117- Z
ADJ: Adjustable Output
Package
Circuit Type
1.5: Fixed Output 1.5V
T: SOT-223
U: TO-252
1.8: Fixed Output 1.8V
A: SOT-89
B: TO-263
2.5: Fixed Output 2.5V
P: TO-220
D: TO-251
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
4 of 8
sales@zpsemi.com
www.zpsemi.com
CJT1117-XXX


Similar Part No. - CJU1117-1.5

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJU1117-1.5

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com