Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EZ150 Datasheet(PDF) 1 Page - Dc Components

Part # 1EZ150
Description  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1EZ150 Datasheet(HTML) 1 Page - Dc Components

  1EZ150 Datasheet HTML 1Page - Dc Components 1EZ150 Datasheet HTML 2Page - Dc Components 1EZ150 Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1EZ6.2
THRU
1EZ300
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
MECHANICAL DATA
* Case: Molded plastic
Dimensions in inches(millimeters)
* Epoxy: UL 94V-0 rate flame retardant
DO-41
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED JUNCTION ZENER DIODES
* Mounting position: Any
* Weight: 0.33 gram
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
.205(5.2)
.166(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Fig. 1 - POWER TEMPERATURE
DERATING CURVE
1.2
1
0.8
0.6
0.4
0.2
0
50
100
150
AMBIENT TEMPERATURE, Ta(oC)
Fig. 2 - TYPICAL THERMAL RESISTANCE
VERSUS LEAD LENGTH
LEAD LENGTH TO HEAT SINK, (Inches)
150
125
100
75
50
25
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
175
Fig. 3 - TEMPERATURE COEFFICIENTS
v.s. ZENER VOLTAGE
20
10
1
10
100
ZENER VOLTAGE, Vz, (V)
Range
VOLTAGE RANGE - 6.2 to 300 Volts
POWER - 1.0 Watt
* Voltage Range: 6.2V to 300V
* Low leakage
* Low inductance
* High peak reverse power disspation
* Glass passivated junction
* Build-in strain relief
NOTES : 1. TL=Lead temperature at 3/8” (9.5mm) from body.
2. Valid provided that leads are kept at ambient temperature at a distance of 10 mm form case.
SYMBOL
VALUE
UNITS
Maximum Power Dissipation @TL=50oC (Note 1)
Ptot
1.0
W
Peak pulse current with a 10/1000
µs waveform
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note 2)
R
θJA
170
o
C/W
Junction Temperature Range
TJ
-55 to +175
o
C
Storage Temperature Range
TSTG
-55 to +175
o
C
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
www.dccomponents.com
1
REV-1,FEBRUARY,2015


Similar Part No. - 1EZ150

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1EZ150D5 JGD-1EZ150D5 Datasheet
109Kb / 2P
   1WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
1EZ150D5 MCC-1EZ150D5 Datasheet
86Kb / 3P
   1.0 W Silicon Zener Diodes 100 to 200 Volts
logo
List of Unclassifed Man...
1EZ150D5 ETC1-1EZ150D5 Datasheet
16Kb / 1P
   Zener Diodes
logo
Microsemi Corporation
1EZ150D5 MICROSEMI-1EZ150D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
New Jersey Semi-Conduct...
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
   Zener Voltage Regulator Diode
More results

Similar Description - 1EZ150

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com