Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC11534 Datasheet(PDF) 4 Page - Texas Instruments

Part # 54AC11534
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC11534 Datasheet(HTML) 4 Page - Texas Instruments

  54AC11534 Datasheet HTML 1Page - Texas Instruments 54AC11534 Datasheet HTML 2Page - Texas Instruments 54AC11534 Datasheet HTML 3Page - Texas Instruments 54AC11534 Datasheet HTML 4Page - Texas Instruments 54AC11534 Datasheet HTML 5Page - Texas Instruments 54AC11534 Datasheet HTML 6Page - Texas Instruments 54AC11534 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11534, 74AC11534
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS037A – JULY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
timing requirements, VCC = 3.3 V ± 0.3 V (see Figure 1)
TA = 25°C
54AC11534
74AC11534
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
50
0
50
0
50
MHz
tw
Pulse duration, CLK low or CLK high
10
10
10
ns
tsu
Setup time, data before CLK
3.5
3.5
3.5
ns
th
Hold time, data after CLK
5.5
5.5
5.5
ns
timing requirements, VCC = 5 V ± 0.5 V (see Figure 1)
TA = 25°C
54AC11534
74AC11534
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
75
0
75
0
75
MHz
tw
Pulse duration, CLK low or CLK high
6.5
6.5
6.5
ns
tsu
Setup time, data before CLK
3.5
3.5
3.5
ns
th
Hold time, data after CLK
4.5
4.5
4.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11534
74AC11534
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
50
75
50
50
MHz
tPLH
CLK
Q
1.5
11
15.3
1.5
19.1
1.5
17.6
ns
tPHL
CLK
Q
1.5
11
15.7
1.5
19
1.5
17.7
ns
tPZH
OC
Q
1.5
9
12.8
1.5
15.8
1.5
14.6
ns
tPZL
OC
Q
1.5
9
12.6
1.5
15.6
1.5
14.3
ns
tPHZ
OC
Q
1.5
10
12.6
1.5
13.8
1.5
13.3
ns
tPLZ
OC
Q
1.5
8
13
1.5
14.2
1.5
13.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11534
74AC11534
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
75
100
75
75
MHz
tPLH
CLK
Q
1.5
7
10.3
1.5
12.7
1.5
11.7
ns
tPHL
CLK
Q
1.5
7
10.7
1.5
13.2
1.5
12.1
ns
tPZH
OC
Q
1.5
6
9.2
1.5
11.2
1.5
10.4
ns
tPZL
OC
Q
1.5
6
9.2
1.5
11.3
1.5
10.4
ns
tPHZ
OC
Q
1.5
9
11.1
1.5
11.9
1.5
11.6
ns
tPLZ
OC
Q
1.5
6
8.8
1.5
9.6
1.5
9.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per flip flop
Outputs enabled
CL =50 pF
f=1MHz
75
pF
Cpd
Power dissipation capacitance per flip-flop
Outputs disabled
CL = 50 pF,
f = 1 MHz
65
pF


Similar Part No. - 54AC11534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11534 TI1-54AC11534 Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC11534 TI1-54AC11534_09 Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC11534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com