Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7241YG-CTR Datasheet(PDF) 7 Page - Rohm

Part # BU7241YG-CTR
Description  Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7241YG-CTR Datasheet(HTML) 7 Page - Rohm

Back Button BU7241YG-CTR Datasheet HTML 3Page - Rohm BU7241YG-CTR Datasheet HTML 4Page - Rohm BU7241YG-CTR Datasheet HTML 5Page - Rohm BU7241YG-CTR Datasheet HTML 6Page - Rohm BU7241YG-CTR Datasheet HTML 7Page - Rohm BU7241YG-CTR Datasheet HTML 8Page - Rohm BU7241YG-CTR Datasheet HTML 9Page - Rohm BU7241YG-CTR Datasheet HTML 10Page - Rohm BU7241YG-CTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Datasheet
www.rohm.com
TSZ02201-0GLG0G200740-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
7/22
11.Jul.2016 Rev.003
TSZ22111・15・001
BU7241YG-C
Typical Performance Curves - Continued
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
0
4
8
12
16
20
0
0.3
0.6
0.9
1.2
1.5
1.8
Output Voltage [V]
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage [V]
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
Output Voltage [V]
Figure 10. Output Source Current vs Output Voltage
(VDD=3.0V)
-40°C
25°C
125°C
Figure 11. Output Source Current vs Output Voltage
(VDD=5.5V)
-40°C
25°C
125°C
Figure 12. Output Source Current vs
Ambient Temperature (OUT=VDD-0.4V)
1.8V
5.5V
3.0V
Figure 13. Output Sink Current vs Output Voltage
(VDD=1.8V)
-40°C
25°C
125°C


Similar Part No. - BU7241YG-CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7241G ROHM-BU7241G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7241G ROHM-BU7241G Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7241G ROHM-BU7241G Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7241G-TR ROHM-BU7241G-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7241G ROHM-BU7241G_14 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7241YG-CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com