Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7242NUX-TR Datasheet(PDF) 8 Page - Rohm

Part # BU7242NUX-TR
Description  CMOS Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7242NUX-TR Datasheet(HTML) 8 Page - Rohm

Back Button BU7242NUX-TR Datasheet HTML 4Page - Rohm BU7242NUX-TR Datasheet HTML 5Page - Rohm BU7242NUX-TR Datasheet HTML 6Page - Rohm BU7242NUX-TR Datasheet HTML 7Page - Rohm BU7242NUX-TR Datasheet HTML 8Page - Rohm BU7242NUX-TR Datasheet HTML 9Page - Rohm BU7242NUX-TR Datasheet HTML 10Page - Rohm BU7242NUX-TR Datasheet HTML 11Page - Rohm BU7242NUX-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
8/44
03.Dec.2014 Rev.003
TSZ22111・15・001
BU7241G BU7241SG BU7242xxx BU7242Sxxx BU7244xx BU7244Sxx
Electrical Characteristics - continued
BU7244 (Unless otherwise specified VDD=+3V, VSS=0V, TA=25℃)
Parameter
Symbol Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 25, 26)
VIO
25℃
-
1
9
mV
VDD=1.8 to 5.5V
OUT=VDD/2
Full range
-
-
10
Input Offset Current
(Note 25)
IIO
25℃
-
1
-
pA
-
Input Bias Current
(Note 25)
IB
25℃
-
1
-
pA
-
Supply Current
(Note 26)
IDD
25℃
-
360
750
μA
RL=∞, All Op-Amps
AV=0dB, IN+=1.5V
Full range
-
-
1200
Maximum Output Voltage(High)
VOH
25℃
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage(Low)
VOL
25℃
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25℃
70
95
-
dB
RL=10kΩ
Input Common-mode Voltage Range
VICM
25℃
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(Note 27)
ISOURCE
25℃
4
10
-
mA
OUT=VDD-0.4V
Output Sink Current
(Note 27)
ISINK
25℃
5
12
-
mA
OUT=VSS+0.4V
Slew Rate
SR
25℃
-
0.4
-
V/μs CL=25pF
Gain Bandwidth
GBW
25℃
-
0.9
-
MHz CL=25pF, AV=40dB
Phase Margin
θ
25℃
-
50
-
deg
CL=25pF, AV=40dB
Total Harmonic Distortion + Noise
THD+N
25℃
-
0.05
-
%
OUT=0.8 VP-P,
f=1kHz
Channel Separation
CS
25℃
-
100
-
dB
AV=40dB, OUT=1Vrms
(Note 25) Absolute value
(Note 26) Full range: BU7244: TA=-40℃ to +85℃ BU7244S: TA=-40℃ to +105℃
(Note 27) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7242NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7242NUX-TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com