Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7265G-TR Datasheet(PDF) 5 Page - Rohm

Part # BU7265G-TR
Description  Ultra Low Power CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7265G-TR Datasheet(HTML) 5 Page - Rohm

  BU7265G-TR Datasheet HTML 1Page - Rohm BU7265G-TR Datasheet HTML 2Page - Rohm BU7265G-TR Datasheet HTML 3Page - Rohm BU7265G-TR Datasheet HTML 4Page - Rohm BU7265G-TR Datasheet HTML 5Page - Rohm BU7265G-TR Datasheet HTML 6Page - Rohm BU7265G-TR Datasheet HTML 7Page - Rohm BU7265G-TR Datasheet HTML 8Page - Rohm BU7265G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/33
12.Sep.2013 Rev.001
TSZ22111・15・001
BU7265G
BU7265SG
BU7266xxx
BU7266Sxxx
Electrical Characteristics - continued
○BU7266xxx, BU7266Sxxx(Unless otherwise specified VDD=+3V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 11)
VIO
25°C
-
1
8.5
mV
VDD=1.8V to 5.5V
Input Offset Current
(Note 11)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 11)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 12)
IDD
25°C
-
0.7
1.55
μA
RL=∞, All Op-Amps
AV=0dB, IN+=1.5V
Full range
-
-
2.1
Maximum Output Voltage (High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage (Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25°C
60
95
-
dB
RL=10kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
60
80
-
dB
-
Output Source Current
(Note 13)
ISOURCE
25°C
1
2.4
-
mA
OUT=VDD-0.4V
Output Sink Current
(Note 13)
ISINK
25°C
2
4
-
mA
OUT=VSS+0.4V
Slew Rate
SR
25°C
-
2.4
-
V/ms
CL=25pF
Unity Gain Frequency
fT
25°C
-
4
-
kHz
CL=25pF, AV=40dB
Phase Margin
θ
25°C
-
60
-
deg
CL=25pF, AV=40dB
Channel Separation
CS
25℃
-
100
-
dB
AV=40dB,
OUT=1Vrms
(Note 11) Absolute value
(Note 12) Full range BU7266: TA=-40C to +85C BU7266S: TA=-40C to +105C
(Note 13) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7265G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G-TR ROHM-BU7265G-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7265G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com