Electronic Components Datasheet Search |
|
BD12734FV-E2 Datasheet(PDF) 9 Page - Rohm |
|
BD12734FV-E2 Datasheet(HTML) 9 Page - Rohm |
9 / 54 page Datasheet www.rohm.com TSZ02201-0GMG0G200600-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 9/50 14.July.2016.Rev004 TSZ22111・15・001 BD12730G BD12732xxx BD12734xxx Typical Performance Curves – Continued ○ BD12730G 0 1 2 3 4 5 6 123456 Supply Voltage [V] 0 3 6 9 12 15 18 -50 -25025 50 75 100 Ambient Temperature [℃] 0 3 6 9 12 15 18 123 456 Supply Voltage [V] 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 Ambient Temperature [℃] Figure 7. Maximum Output Voltage (Low) vs Ambient Temperature (RL=20kΩ) (*)The data above are measurement values of typical sample, it is not guaranteed. Figure 6. Maximum Output Voltage (Low) vs Supply Voltage (RL=20kΩ) Figure 5. Maximum Output Voltage (High) vs Ambient Temperature (RL=20kΩ) 1.8V 3.0V 5.0V 85℃ -40℃ 25℃ Figure 8. Maximum Output Voltage (High) vs Supply Voltage (RL=2kΩ) -40℃ 85℃ 1.8V 3.0V 5.0V 25℃ |
Similar Part No. - BD12734FV-E2 |
|
Similar Description - BD12734FV-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |