Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7266SFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU7266SFV-E2
Description  Ultra Low Power CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7266SFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU7266SFV-E2 Datasheet HTML 7Page - Rohm BU7266SFV-E2 Datasheet HTML 8Page - Rohm BU7266SFV-E2 Datasheet HTML 9Page - Rohm BU7266SFV-E2 Datasheet HTML 10Page - Rohm BU7266SFV-E2 Datasheet HTML 11Page - Rohm BU7266SFV-E2 Datasheet HTML 12Page - Rohm BU7266SFV-E2 Datasheet HTML 13Page - Rohm BU7266SFV-E2 Datasheet HTML 14Page - Rohm BU7266SFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/33
12.Sep.2013 Rev.001
TSZ22111・15・001
BU7265G
BU7265SG
BU7266xxx
BU7266Sxxx
Typical Performance Curves - continued
○BU7265G, BU7265SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7265G: -40
C to +85C BU7265SG: -40C to +105C
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
1
2
34
56
Supply Voltage [V]
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 18.
Large Signal Voltage Gain vs Ambient Temperature
Figure 19.
Common Mode Rejection Ratio vs Supply Voltage
Figure 20.
Common Mode Rejection Ratio vs Ambient Temperature
Figure 21.
Power Supply Rejection Ratio vs Ambient Temperature
5.5V
1.8V
3.0V
-40℃
25℃
85℃
105℃
5.5V
1.8V
3.0V


Similar Part No. - BU7266SFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7261G-TR ROHM-BU7261G-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
More results

Similar Description - BU7266SFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com