Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR341G Datasheet(PDF) 8 Page - Rohm

Part # TLR341G
Description  Low Voltage Operation Ground Sense Operational Amplifier
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR341G Datasheet(HTML) 8 Page - Rohm

Back Button TLR341G_16 Datasheet HTML 4Page - Rohm TLR341G_16 Datasheet HTML 5Page - Rohm TLR341G_16 Datasheet HTML 6Page - Rohm TLR341G_16 Datasheet HTML 7Page - Rohm TLR341G_16 Datasheet HTML 8Page - Rohm TLR341G_16 Datasheet HTML 9Page - Rohm TLR341G_16 Datasheet HTML 10Page - Rohm TLR341G_16 Datasheet HTML 11Page - Rohm TLR341G_16 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
8/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Electrical Characteristics – continued
TLR344xxx (Unless otherwise specified VDD=+1.8V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 28,29)
VIO
25°C
-
0.3
4
mV
-
Full Range
-
-
4.5
Input Offset Voltage Drift
(Note 28,29)
ΔVIO/ΔT Full Range
-
1.9
-
μV/°C
-
Input Bias Current
(Note 28)
IB
25°C
-
1
200
pA
-
Input Offset Current
(Note 28)
IIO
25°C
-
1
200
pA
-
Supply Current
(Note 29)
IDD
25°C
-
280
600
μA
-
Full Range
-
-
800
Common-mode Rejection Ratio
CMRR
25°C
65
90
-
dB
VICM=0V to 0.7V
Power Supply Rejection Ratio
PSRR
25°C
75
95
-
dB
VDD=1.8V to 5.0V
Input Common-mode
Voltage Range
VICM
25°C
0
-
0.8
V
CMRR ≥ 60 dB
Large Signal Voltage Gain
Av
25°C
70
110
-
dB
RL=10kΩ, VRL=0.9V
65
100
-
RL=2kΩ, VRL=0.9V
Maximum Output Voltage(High)
VOH
25°C
VDD-0.05 VDD-0.03
-
V
RL=2kΩ, VRL=0.9V
VDD-0.02 VDD-0.01
-
RL=10kΩ, VRL=0.9V
Maximum Output Voltage(Low)
VOL
25°C
-
0.022
0.055
V
RL=2kΩ, VRL=0.9V
-
0.014
0.02
RL=10kΩ, VRL=0.9V
Output Source Current
(Note 30)
ISOURCE
25°C
6
8
-
mA
VOUT=0V, Short Current
Output Sink Current
(Note 30)
ISINK
25°C
10
13
-
mA
VOUT=1.8V, Short Current
Slew Rate
SR
25°C
-
1.2
-
V/μs
RL=10kΩ, V+IN=0.7VP-P
Gain Bandwidth
GBW
25°C
-
2.2
-
MHz
CL=200pF, RL=100kΩ
Unity Gain Frequency
fT
25°C
-
1.2
-
MHz
CL=200pF, RL=100kΩ
Phase Margin
θM
25°C
-
55
-
deg
CL=20pF, RL=100kΩ
Gain Margin
GM
25°C
-
7
-
dB
CL=20pF, RL=100kΩ
Input Referred Noise Voltage
VN
25°C
-
33
-
Hz
nV/
f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.012
-
%
f=1kHz, RL=600Ω
AV=0dB, DIN-AUDIO
Channel Separation
CS
25°C
-
110
-
dB
AV=40dB, VOUT=1Vrms
(Note 28) Absolute value
(Note 29) Full Range: TA=-40°C to +85°C
(Note 30) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


Similar Part No. - TLR341G_16

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR341G-TR ROHM-TLR341G-TR Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
TLR341G-TR ROHM-TLR341G-TR Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
More results

Similar Description - TLR341G_16

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
LMR342FVJ ROHM-LMR342FVJ Datasheet
510Kb / 22P
   Low Supply Current Ground Sense CMOS Operational Amplifier
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com