Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR342FV-E2 Datasheet(PDF) 4 Page - Rohm

Part # LMR342FV-E2
Description  Low Supply Current Output Full Swing CMOS Operational Amplifiers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR342FV-E2 Datasheet(HTML) 4 Page - Rohm

  LMR342FV-E2 Datasheet HTML 1Page - Rohm LMR342FV-E2 Datasheet HTML 2Page - Rohm LMR342FV-E2 Datasheet HTML 3Page - Rohm LMR342FV-E2 Datasheet HTML 4Page - Rohm LMR342FV-E2 Datasheet HTML 5Page - Rohm LMR342FV-E2 Datasheet HTML 6Page - Rohm LMR342FV-E2 Datasheet HTML 7Page - Rohm LMR342FV-E2 Datasheet HTML 8Page - Rohm LMR342FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200670-1-2
©2013 ROHM Co., Ltd. All rights reserved.
4/50
16.Jun.2015 Rev.007
TSZ22111・15・001
LMR341G
LMR342xxx
LMR344xxx
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Ratings
Unit
LMR341G
LMR342xxx
LMR344xxx
Supply Voltage
VDD - VSS
+7.0
V
Power Dissipation
PD
SSOP6
0.67
(Note 1,9)
-
-
W
SOP8
-
0.68
(Note 2,9)
-
SOP-J8
-
0.67
(Note 3,9)
-
SSOP-B8
-
0.62
(Note 4,9)
-
TSSOP-B8
-
0.62
(Note 4,9)
-
TSSOP-B8J
-
0.58
(Note 5,9)
-
MSOP8
-
0.58
(Note 5,9)
-
SOP14
-
-
0.56
(Note 6,9)
SOP-J14
-
-
1.02
(Note 7,9)
TSSOP-B14J
-
-
0.84
(Note 8,9)
Differential Input Voltage
(Note 8)
VID
VDD - VSS
V
Input Common-Mode Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 9)
II
±10
mA
Operating Supply Voltage
Vopr
+2.7 to +5.5
V
Operating Temperature
Topr
- 40 to +85
°C
Storage Temperature
Tstg
- 55 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
(Note 1)
To use at temperature above TA=25°C reduce 5.4mW/°C.
(Note 2)
To use at temperature above TA=25°C reduce 5.5mW/°C.
(Note 3)
To use at temperature above TA=25°C reduce 5.4mW/°C.
(Note 4)
To use at temperature above TA=25°C reduce 5.0mW/°C.
(Note 5)
To use at temperature above TA=25°C reduce 4.7mW/°C.
(Note 6) To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 7) To use at temperature above TA=25C reduce 8.2mW/°C.
(Note 8) To use at temperature above TA=25C reduce 6.8mW/°C.
(Note 9) Mounted on 1-layer glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 10) The voltage difference between inverting input and non-inverting input is the differential input voltage.
The input pin voltage is set to more than VSS.
(Note 11) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - LMR342FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR342FV-E2 ROHM-LMR342FV-E2 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
More results

Similar Description - LMR342FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com