Electronic Components Datasheet Search
Selected language     English  ▼


LM334 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM334
Description  3-Terminal Adjustable Current Sources
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 10 page
background image
Typical Applications (Continued)
1.2V Reference Operates on 10 µA and 2V
DS005697-20
*Select ratio of R1 to R2 to obtain zero temperature drift
1.2V Regulator with 1.8V Minimum Input
DS005697-7
*Select ratio of R1 to R2 for zero temperature drift
Zener Biasing
DS005697-49
Alternate Trimming Technique
DS005697-50
*For ±10% adjustment, select RSET
10% high, and make R1
≈ 3RSET
Buffer for Photoconductive Cell
DS005697-51
FET Cascoding for Low Capacitance and/or Ultra High Output Impedance
DS005697-21
*Select Q1 or Q2 to ensure at least 1V across the LM134. Vp (1 −
ISET/IDSS) ≥ 1.2V.
DS005697-22
www.national.com
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM134-LM234THREE TERMINAL ADJUSTABLE CURRENT SOURCES 1 2 3 4 5 MoreSTMicroelectronics
LM117HV3-Terminal Adjustable Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE1900Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
LR8High Input Voltage Adjustable 3-Terminal Linear Regulator 1 2 3 4 5 MoreSupertex, Inc
KA317M3-Terminal 0.5A Positive Adjustable Regulator 1 2 3 4 5 MoreFairchild Semiconductor
TS78M05C3-Terminal Medium Current Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ST755ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
SPX293003A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Time 1 2 3 4 5 MoreSipex Corporation
M5237L3-TERMINAL ADJUSTABLE REGULATOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LM2373-TERMINAL ADJUSTABLE REGULATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl