Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K224L-IP Datasheet(PDF) 7 Page - TDK Electronics

Part # 73K224L-IP
Description  V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K224L-IP Datasheet(HTML) 7 Page - TDK Electronics

Back Button 73K224L-IP Datasheet HTML 3Page - TDK Electronics 73K224L-IP Datasheet HTML 4Page - TDK Electronics 73K224L-IP Datasheet HTML 5Page - TDK Electronics 73K224L-IP Datasheet HTML 6Page - TDK Electronics 73K224L-IP Datasheet HTML 7Page - TDK Electronics 73K224L-IP Datasheet HTML 8Page - TDK Electronics 73K224L-IP Datasheet HTML 9Page - TDK Electronics 73K224L-IP Datasheet HTML 10Page - TDK Electronics 73K224L-IP Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
73K224L
V.22bis/V.22/V.21/Bell 212A/Bell 103
Single-Chip Modem
7
REGISTER ADDRESS TABLE
00=NORMAL
01=ANALOG LOOPBACK
10=REMOTE DIGITAL
LOOPBACK
11=LOCAL DIGITAL
LOOPBACK
CONTROL
REGISTER
0
000
TRANSMIT
MODE
2
TRANSMIT
MODE
1
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
DATA BIT NUMBER
AD2 - AD0
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
TEST
MODE
0
TEST
MODE
1
RESET
CLK
CONTROL
BYPASS
SCRAMBLER
ENABLE
DETECT
INTERRUPT
TRANSMIT
PATTERN
0
TRANSMIT
PATTERN
1
001
CONTROL
REGISTER
1
CR1
SIGNAL
QUALITY
INDICATOR
CP
TONE
DETECT
ANSWER
TONE
DETECT
CARRIER
DETECT
UNSCR.
MARKS
DETECT
RECEIVE
DATA
010
DETECT
REGISTER
DR
TRANSMIT
MODE
0
0000=PWR DOWN
0001=INT SYNCH
0010=EXT SYNCH
0011=SLAVE SYNCH
0100=ASYCH 8 BITS/CHAR
0101=ASYCH 9 BITS/CHAR
0110=ASYCH 10 BITS/CHAR
0111=ASYCH 11 BITS/CHAR
1X00=FSK
0=DISABLE
TXA OUTPUT
1=ENABLE
TXA OUTPUT
0=ANSWER
1=ORIGINATE
00=TX DATA
01=TX ALTERNATE
10=TX MARK
11=TX SPACE
0=DISABLE
1=ENABLE
0=NORMAL
1=BYPASS
SCRAMBLER
0=XTAL
1=16 X DATA
RATE OUTPUT
AT CLK PIN IN
QAM/DPSK
MODE ONLY
0=NORMAL
1=RESET
OUTPUTS
RECEIVED
DATA STREAM
0=CONDITION NOT DETECTED
1=CONDITION DETECTED
CR0
MODULATION
OPTION
0=2400 BIT/S
0=1200 BIT/S
1=600 BIT/S
0=103 MODE
1=V.21
MODULATION
TYPE
1
MODULATION
TYPE
0
10=QAM
00=DPSK
01=FSK
RECEIVE
LEVEL
INDICATOR
S1 PATTERN
DETECT
0=SIGNAL
BELOW
THRESHOLD
1=ABOVE
THRESHOLD
0=GOOD
1=BAD
DTMF0/
GUARD/
ANSWER/
CALLING/SCT
DTMF1/
EXTENDED
OVERSPEED
DTMF2/
4 W/FDX
DTMF3
TRANSMIT
DTMF
TRANSMIT
ANSWER
TONE
RXD
OUTPUT
CONTROL
011
TONE
CONTROL
REGISTER
TR
RXD PIN
0=NORMAL
1=OPEN
0=OFF
1=ON
0=DATA
1=TX DTMF
4 BIT CODE FOR 1 OF 16
DUAL TONE COMBINATIONS
TRANSMIT
GUARD
TONE
0=OFF
1=ON
EQUALIZER
ENABLE
TRAIN
INHIBIT
RESET
DSP
16 WAY
TRANSMIT
S1
CALL
INITIALIZE
100
CONTROL
REGISTER
2
CR2
0=DSP IN
DEMOD MODE
1=DSP IN CALL
PROGRESS
MODE
0=NORMAL
DOTTING
1=S1
TRANSMIT
ATTEN.
0
RECEIVE
GAIN
BOOST
101
CONTROL
REGISTER
3
CR3
0=NO BOOST
1=18 dB BOOST
0000-1111, SETS
TRANSMIT ATTENUATOR
16 dB RANGE
DEFAULT=0100 ³ -10 dbM0
0=RX=TX
1=RX=16 WAY
0=DSP
INACTIVE
1=DSP
ACTIVE
0=ADAPT EQ
ACTIVE
1=ADAPT EQ
FROZEN
0=ADAPT EQ
IN INIT
1=ADAPT EQ
OK TO ADAPT
TRANSMIT
ATTEN.
2
TRANSMIT
ATTEN.
1
TRANSMIT
ATTEN.
3
QAM:
DPSK:
FSK:
0=NOT PRESENT
1=PATTERN
FOUND
SPECIAL
REGISTER
ACCESS
0=ACCESS CR3
1=ACCESS
SPECIAL
REGISTER
TXDALT
TRISTATE
TX/RXCLK
0=NORMAL
1=TRISTATE
SPECIAL
REGISTER
101
TX BAUD
CLOCK
RX UNSCR.
DATA
TXD
SOURCE
SQ
SELECT1
SQ
SELECT0
OUTPUTS
TXBAUD
CLOCK
OUTPUTS
UNSCR.
DATA
0=TXD PIN
1=TXALT BIT
00³10
BER
-5
01³10
BER
-6
10³10
BER
-4
11³10
BER
-3
ALTERNATE
TRANSMIT
DATA
SOURCE
SR
0
0
0=1800 Hz G.T.
2225 Hz ANS TONE
GENERATED
1= 550 Hz G.T.
2100 Hz ANS TONE
GENERATED &
DETECTED (V.21, V.22)
00XX=73K212AL, 322L, 321L
01XX=73K221AL, 302L
10XX=73K222AL, 222BL
1100=73K224L
1110=73K324L
1100=73K224BL
1110=73K324BL
ID
REGISTER
10
110
ID
ID
ID
ID
0
0
0
X
X
X
X


Similar Part No. - 73K224L-IP

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224L-28IH/F TERIDIAN-73K224L-28IH/F Datasheet
248Kb / 31P
   Single-Chip Modem
73K224L-28IHR/F TERIDIAN-73K224L-28IHR/F Datasheet
248Kb / 31P
   Single-Chip Modem
More results

Similar Description - 73K224L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com