Electronic Components Datasheet Search |
|
LMR342FVM-TR Datasheet(PDF) 10 Page - Rohm |
|
LMR342FVM-TR Datasheet(HTML) 10 Page - Rohm |
10 / 54 page Datasheet www.rohm.com TSZ02201-0RAR0G200670-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 10/50 16.Jun.2015 Rev.007 TSZ22111・15・001 LMR341G LMR342xxx LMR344xxx Electrical Characteristics - continued ○LMR344xxx (Unless otherwise specified VDD=+5.0V, VSS=0V, TA=25°C) Parameter Symbol Temperature Range Limit Unit Condition Min Typ Max Input Offset Voltage (Note 27,28) VIO 25°C - 0.25 4 mV - Full Range - - 4.5 Input Offset Voltage Drift (Note 27,28) V IO/T Full Range - 1.9 - μV/°C - Input Offset Current (Note 27) IIO 25°C - 1 - pA - Input Bias Current (Note 27) IB 25°C - 1 200 pA - Supply Current (Note 28) IDD 25°C - 428 800 μA RL=∞, All Op-Amps AV=0dB, +IN=VDD/2 Full Range - - 1040 Maximum Output Voltage (High) VOH 25°C VDD-0.06 VDD-0.04 - V RL=2kΩ, VRL=VDD/2 VDD-0.03 VDD-0.01 - RL=10kΩ, VRL=VDD/2 Maximum Output Voltage (Low) VOL 25°C - 0.04 0.06 V RL=2kΩ, VRL=VDD/2 - 0.01 0.03 RL=10kΩ, VRL=VDD/2 Large Single Voltage Gain AV 25°C 78 116 - dB RL=10kΩ, VRL=VDD/2 72 107 - RL=2kΩ, VRL=VDD/2 Input Common-Mode Voltage Range VICM 25°C 0 - 4.0 V - Common-Mode Rejection Ratio CMRR 25°C 56 86 - dB VICM=VDD/2 Power Supply Rejection Ratio PSRR 25°C 65 85 - dB VDD=2.7V to 5.0V VICM=VDD/2 Output Source Current (Note 29) ISOURCE 25°C 85 113 - mA OUT=0V Short Circuit Current Output Sink Current (Note 29) ISINK 25°C 50 75 - mA OUT=5V Short Circuit Current Slew Rate SR 25°C - 1.0 - V/μs RL=10kΩ, +IN=2.0VP-P Gain Bandwidth GBW 25°C - 2 - MHz CL=200pF, RL=100kΩ AV=40dB, f=100kHz Unity Gain Frequency fT 25°C - 1.2 - MHz CL=200pF, RL=100kΩ AV=40dB Phase Margin θM 25°C - 50 - deg CL=20pF, RL=100kΩ AV=40dB Gain Margin GM 25°C - 4.5 - dB CL=20pF, RL=100kΩ AV=40dB Input Referred Noise Voltage VN 25°C - 39 - Hz nV/ f=1kHz, Av=40dB - 3 - µVrms AV=40dB, DIN-AUDIO Total Harmonic Distortion + Noise THD+N 25°C - 0.012 - % RL=600Ω, AV=0dB OUT=1VP-P, f=1kHz DIN-AUDIO Channel Separation CS 25°C - 100 - dB AV=40dB, f=1kHz OUT=0.8Vrms (Note 27) Absolute value. (Note 28) Full Range: TA=-40°C to +85°C (Note 29) Consider the power dissipation of the IC under high temperature environment when selecting the output current value. There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC. |
Similar Part No. - LMR342FVM-TR |
|
Similar Description - LMR342FVM-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |