Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR824FVJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # LMR824FVJ-E2
Description  Low Supply Current Output Full Swing Operational Amplifiers
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR824FVJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button LMR824FVJ-E2 Datasheet HTML 2Page - Rohm LMR824FVJ-E2 Datasheet HTML 3Page - Rohm LMR824FVJ-E2 Datasheet HTML 4Page - Rohm LMR824FVJ-E2 Datasheet HTML 5Page - Rohm LMR824FVJ-E2 Datasheet HTML 6Page - Rohm LMR824FVJ-E2 Datasheet HTML 7Page - Rohm LMR824FVJ-E2 Datasheet HTML 8Page - Rohm LMR824FVJ-E2 Datasheet HTML 9Page - Rohm LMR824FVJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200490-1-2
©2013 ROHM Co., Ltd. All rights reserved.
6/49
11.May.2015 Rev.006
TSZ22111・15・001
LMR821G
LMR822xxx
LMR824xxx
Electrical Characteristics - continued
○LMR822xxx (Unless otherwise specified VDD=+2.5V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 21)
VIO
25°C
-
1
5
mV
VDD=2.5V to 5.5V
Full Range
-
-
5
Maximum Output Voltage(High)
VOH
25°C
2.30
2.37
-
V
RL=600Ω
(Note 22)
2.40
2.46
-
RL=2kΩ
(Note 22)
Maximum Output Voltage(Low)
VOL
25°C
-
130
200
mV
RL=600Ω
(Note 22)
-
80
120
RL=2kΩ
(Note 22)
(Note 21) Absolute value
(Note 22) Output load resistance connects to a half of VDD.
○LMR822xxx (Unless otherwise specified VDD=+2.7V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 23,24)
VIO
25°C
-
1
5
mV
VDD=2.5V to 5.5V
Full Range
-
-
5
Input Offset Voltage Drift
ΔVIO/ΔT
25°C
-
1
-
μV/°C
-
Input Offset Current
(Note 23)
IIO
25°C
-
0.5
30
nA
-
Input Bias Current
(Note 23)
IB
25°C
-
30
90
nA
-
Supply Current
(Note 24)
IDD
25°C
-
560
680
μA
AV=0dB, V+IN=1.35V
Full Range
-
-
1000
Maximum Output Voltage(High)
VOH
25°C
2.50
2.58
-
V
RL=600Ω
(Note 26)
2.60
2.66
-
RL=2kΩ
(Note 26)
Maximum Output Voltage(Low)
VOL
25°C
-
130
200
mV
RL=600Ω
(Note 26)
-
80
120
RL=2kΩ
(Note 26)
Large Signal Voltage Gain
AV
25°C
-
100
-
dB
RL=600Ω
(Note 26)
95
100
-
RL=2kΩ
(Note 26)
Input Common-mode
Voltage Range
VICM
25°C
0
-
1.8
V
VSS to (VDD-0.9V)
Common-mode Rejection Ratio
CMRR
25°C
70
85
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
75
85
-
dB
VDD=2.7V to 5.5V
VICM=1V
Output Source Current
(Note 25)
ISOURCE
25°C
12
16
-
mA
VOUT=0V
Short Circuit Current
Output Sink Current
(Note 25)
ISINK
25°C
12
26
-
mA
VOUT=2.7V
Short Circuit Current
Slew Rate
SR
25°C
-
2.0
-
V/μs
CL=25pF
Gain Bandwidth
GBW
25°C
-
5.0
-
MHz
CL=25pF, AV=40dB
f=1MHz
Phase Margin
θ
25°C
-
50
-
deg
CL=25pF, AV=40dB
Gain Margin
GM
25°C
-
4.5
-
dB
CL=25pF, AV=40dB
Input Referred Noise Voltage
VN
25°C
-
30
-
Hz
nV/
f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.01
-
%
VOUT=2.2VP-P, f=1kHz
RL=10kΩ
AV=0dB, DIN-AUDIO
Channel Separation
CS
25°C
-
100
-
dB
AV=40dB, VOUT=0.5Vrms
(Note 23) Absolute value
(Note 24) Full Range: TA=-40°C to +85°C
(Note 25) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.
(Note 26) Output load resistance connects to a half of VDD.


Similar Part No. - LMR824FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR824FVJ-E2 ROHM-LMR824FVJ-E2 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
More results

Similar Description - LMR824FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com