Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR344FVJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # TLR344FVJ-E2
Description  Low Voltage Operation Ground Sense Operational Amplifier
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR344FVJ-E2 Datasheet(HTML) 3 Page - Rohm

  TLR344FVJ-E2 Datasheet HTML 1Page - Rohm TLR344FVJ-E2 Datasheet HTML 2Page - Rohm TLR344FVJ-E2 Datasheet HTML 3Page - Rohm TLR344FVJ-E2 Datasheet HTML 4Page - Rohm TLR344FVJ-E2 Datasheet HTML 5Page - Rohm TLR344FVJ-E2 Datasheet HTML 6Page - Rohm TLR344FVJ-E2 Datasheet HTML 7Page - Rohm TLR344FVJ-E2 Datasheet HTML 8Page - Rohm TLR344FVJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
3/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
TLR341G
TLR342xxx
TLR344xxx
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP6
0.67
(Note 1,9)
-
-
W
SOP8
-
0.68
(Note 2,9)
-
SOP-J8
-
0.67
(Note 3,9)
-
TSSOP-B8
-
0.62
(Note 4,9)
-
TSSOP-B8J
-
0.58
(Note 5,9)
-
SOP14
-
-
0.56
(Note 6,9)
SOP-J14
-
-
1.02
(Note 7,9)
TSSOP-B14J
-
-
0.84
(Note 8,9)
Differential Input
Voltage
(Note 10)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 11)
II
±10
mA
Operating Voltage
Vopr
+1.8 to +5.5
V
Operating
Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Junction
Temperature
Tjmax
+150
°C
(Note 1)
Power dissipation is reduced by 5.4mW/°C above TA=25C.
(Note 2)
Power dissipation is reduced by 5.5mW/°C above TA=25C.
(Note 3)
Power dissipation is reduced by 5.4mW/°C above TA=25C.
(Note 4)
Power dissipation is reduced by 5.0mW/°C above TA=25C.
(Note 5)
Power dissipation is reduced by 4.7mW/°C above TA=25C.
(Note 6)
Power dissipation is reduced by 4.5mW/°C above TA=25C.
(Note 7)
Power dissipation is reduced by 8.2mW/°C above TA=25C.
(Note 8)
Power dissipation is reduced by 6.8mW/°C above TA=25C.
(Note 9)
Mounted on a FR4 glass epoxy PCB (70mm×70mm×1.6mm).
(Note 10) Differential Input Voltage is the voltage difference between the inverting and non-inverting inputs.
The input pin voltage is set to more than VSS.
(Note 11) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.


Similar Part No. - TLR344FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR344FVJ-E2 ROHM-TLR344FVJ-E2 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
More results

Similar Description - TLR344FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
LMR342FVJ ROHM-LMR342FVJ Datasheet
510Kb / 22P
   Low Supply Current Ground Sense CMOS Operational Amplifier
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com