Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4371A4398M000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B4371A4398M000
Description  Capacitors with screw terminals
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4371A4398M000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B4371A4398M000 Datasheet HTML 5Page - TDK Electronics B4371A4398M000 Datasheet HTML 6Page - TDK Electronics B4371A4398M000 Datasheet HTML 7Page - TDK Electronics B4371A4398M000 Datasheet HTML 8Page - TDK Electronics B4371A4398M000 Datasheet HTML 9Page - TDK Electronics B4371A4398M000 Datasheet HTML 10Page - TDK Electronics B4371A4398M000 Datasheet HTML 11Page - TDK Electronics B4371A4398M000 Datasheet HTML 12Page - TDK Electronics B4371A4398M000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
0 = for capacitors with ring clip/clamp mounting
2 = for capacitors with threaded stud
VR = 450 V DC
1200
51.6
× 80.7
95
26
150
9.82
5.36
B437*1A5128M000
1500
51.6
× 96.7
75
22
120
11.3
6.22
B437*1A5158M000
1800
51.6
× 96.7
65
19
100
12.6
6.91
B437*1A5188M000
2200
51.6
× 118.2
50
15
85
14.6
8.00
B437*1A5228M000
2200
64.3
× 96.7
55
17
85
14.0
7.66
B437*1B5228M000
2700
51.6
× 130.7
45
13
70
16.8
9.18
B437*1A5278M000
2700
64.3
× 96.7
45
16
75
15.4
8.38
B437*1B5278M000
3300
64.3
× 105.7
38
14
65
17.2
9.37
B437*1A5338M000
3900
64.3
× 118.2
32
12
55
19.1
10.4
B437*1A5398M000
3900
76.9
× 96.7
32
11
50
20.9
11.3
B437*1B5398M000
4700
64.3
× 143.2
26
9.9
45
22.0
11.9
B437*1A5478M000
4700
76.9
× 105.7
26
9.4
45
23.1
12.6
B437*1B5478M000
5600
76.9
× 130.7
22
7.6
36
26.3
14.3
B437*1A5568M000
6800
76.9
× 156.2
18
6.3
30
29.9
16.3
B437*1A5688M000
8200
76.9
× 190.7
15
5.2
26
34.1
19.1
B437*1A5828M000
10000
76.9
× 190.7
13
4.9
22
37.8
21.0
B437*1A5109M000
B43701, B43721
Standard
85
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4371A4398M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43712 TDK-B43712 Datasheet
649Kb / 21P
   Aluminum electrolytic capacitors
B43712 TDK-B43712 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B43712 TDK-B43712_15 Datasheet
655Kb / 21P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B43713 TDK-B43713 Datasheet
690Kb / 25P
   Aluminum electrolytic capacitors
More results

Similar Description - B4371A4398M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com