Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4373B4398M0 Datasheet(PDF) 3 Page - TDK Electronics

Part # B4373B4398M0
Description  Capacitors with screw terminals
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4373B4398M0 Datasheet(HTML) 3 Page - TDK Electronics

  B4373B4398M0 Datasheet HTML 1Page - TDK Electronics B4373B4398M0 Datasheet HTML 2Page - TDK Electronics B4373B4398M0 Datasheet HTML 3Page - TDK Electronics B4373B4398M0 Datasheet HTML 4Page - TDK Electronics B4373B4398M0 Datasheet HTML 5Page - TDK Electronics B4373B4398M0 Datasheet HTML 6Page - TDK Electronics B4373B4398M0 Datasheet HTML 7Page - TDK Electronics B4373B4398M0 Datasheet HTML 8Page - TDK Electronics B4373B4398M0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
350 ... 450 V DC
1.10
VR
Rated capacitance CR
Capacitance tolerance
1500 ... 22000 µF
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
≤ 0.20
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
d = 51.6 mm: approx. 15 nH
d
≥ 64.3 mm: approx. 20 nH
Capacitors with low-inductance design:
d
≥ 64.3 mm: approx. 13 nH
Useful life1)
Requirements:
85
°C; V
R; IAC,R
> 12000 h
∆C/C
≤ 15% of initial value
tan
δ
≤ 1.75 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C; V
R
2000 h
∆C/C
≤ 10% of initial value
tan
δ
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc: Frequency range 10 ... 55 Hz, displacement
amplitude 0.75 mm, acceleration max. 10 g, duration 3
× 2 h. Capacitor
mounted by its body which is rigidly clamped to the work surface.
Characteristics at low
temperature
Max. impedance
ratio at 100 Hz
VR
350 V
400 V
450 V
Z -25°C / Z 20°C
2
3
3
Z -40°C / Z 20°C
6
12
10
IEC climatic category
To IEC 60068-1:
VR = 350, 450 V DC: 40/085/56 ( 40
°C/+85 °C/56 days damp heat test)
VR = 400 V DC: 25/085/56 ( 25
°C/+85 °C/56 days damp heat test)
The capacitors can be operated in the temperature range of
40
°C to
+85
°C, but the impedance at 40 °C should be taken into
consideration.
Detail specification
Sectional specification
Similar to CECC 30301-803, CECC 30301-807
IEC 60384-4
B43703, B43723
Extremely compact
85
°C
Page 3 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4373B4398M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4373B4398M0 TDK-B4373B4398M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B4373B4398M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com