Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4372A4478M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B4372A4478M0
Description  Capacitors with screw terminals
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4372A4478M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B4372A4478M0 Datasheet HTML 5Page - TDK Electronics B4372A4478M0 Datasheet HTML 6Page - TDK Electronics B4372A4478M0 Datasheet HTML 7Page - TDK Electronics B4372A4478M0 Datasheet HTML 8Page - TDK Electronics B4372A4478M0 Datasheet HTML 9Page - TDK Electronics B4372A4478M0 Datasheet HTML 10Page - TDK Electronics B4372A4478M0 Datasheet HTML 11Page - TDK Electronics B4372A4478M0 Datasheet HTML 12Page - TDK Electronics B4372A4478M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
Thread Toothed
washers
Screws/nuts
Maximum
torque
For terminals
M5
A 5.1 DIN 6797
DIN 7985 / ISO 7045-M5
× 10-5.6-Z
2.5 Nm
thread depth
t
≥ 8 mm
M6
A 6.4 DIN 6797
DIN 7985 / ISO 7045-M6
× 12-5.6-Z
4.0 Nm
thread depth
t
≥ 9.5 mm
For mounting
M12
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
10 Nm
The following items must be ordered separately. For details, refer to chapter "Capacitors with
screw terminals
Accessories".
Item
Type
Ring clips
B44030
Clamps for capacitors with d
≥ 64.3 mm
B44030
Insulating parts
B44020
B43712, B43732
Long useful life
85
°C
Page 9 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4372A4478M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4372A4478M0 TDK-B4372A4478M0 Datasheet
655Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B4372A4478M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com