Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4373B6228M0 Datasheet(PDF) 4 Page - TDK Electronics

Part # B4373B6228M0
Description  Capacitors with screw terminals
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4373B6228M0 Datasheet(HTML) 4 Page - TDK Electronics

  B4373B6228M0 Datasheet HTML 1Page - TDK Electronics B4373B6228M0 Datasheet HTML 2Page - TDK Electronics B4373B6228M0 Datasheet HTML 3Page - TDK Electronics B4373B6228M0 Datasheet HTML 4Page - TDK Electronics B4373B6228M0 Datasheet HTML 5Page - TDK Electronics B4373B6228M0 Datasheet HTML 6Page - TDK Electronics B4373B6228M0 Datasheet HTML 7Page - TDK Electronics B4373B6228M0 Datasheet HTML 8Page - TDK Electronics B4373B6228M0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Capacitor diameter
51.6 mm
64.3 mm
76.9 mm
90 mm
IAC,max
34 A
57 A
67 A
80 A
Dimensional drawings
B43713
Ring clip/clamp mounting
B43733
Threaded stud mounting
For types with threaded stud the base is not insulated. Also refer to the mounting instructions in
chapter "Capacitors with screw terminals
Accessories".
B43713, B43733
Extra long useful life
85
°C
Page 4 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4373B6228M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4373B2109M0 TDK-B4373B2109M0 Datasheet
695Kb / 25P
   Capacitors with screw terminals
B4373B2159M0 TDK-B4373B2159M0 Datasheet
695Kb / 25P
   Capacitors with screw terminals
B4373B2189M0 TDK-B4373B2189M0 Datasheet
695Kb / 25P
   Capacitors with screw terminals
B4373B2229M0 TDK-B4373B2229M0 Datasheet
695Kb / 25P
   Capacitors with screw terminals
B4373B2279M0 TDK-B4373B2279M0 Datasheet
695Kb / 25P
   Capacitors with screw terminals
More results

Similar Description - B4373B6228M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com