Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC1015UPD-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC1015UPD-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET POWERDI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1015UPD-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC1015UPD-13 Datasheet HTML 1Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 2Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 3Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 4Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 5Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 6Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 7Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 8Page - Diodes Incorporated DMC1015UPD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMC1015UPD
Document number: DS37992 Rev. 3 - 2
1 of 10
www.diodes.com
July 2016
© Diodes Incorporated
DMC1015UPD
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
POWERDI
Product Summary
Device
BVDSS
RDS(ON)
ID
TA = +25°C
Q1
12V
17
mΩ @ VGS = 4.5V
9.5A
25
mΩ @ VGS = 2.5V
7.8A
Q2
-20V
35m
Ω @ VGS = -4.5V
-6.8A
55m
Ω @ VGS = -2.5V
-5.3A
Description and Applications
This new generation Complementary Pair Enhancement Mode
MOSFET has been designed to minimize RDS(ON) and yet maintain
superior switching performance. This device is ideal for use in
Notebook battery power management and Load switch.
Notebook Battery Power Management
DC-DC Converters
Load Switch
Features and Benefits
Thermally Efficient Package
– Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI5060-8 (Type C)
Case Material:
Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– 100% Matte Tin Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram Below
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMC1015UPD-13
PowerDI5060-8 (Type C)
2,500 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Pin1
S1
D2
D1
G2
D1
D2
G1
S2
Q1 N-Channel MOSFET
Q2 P-Channel MOSFET
D1
S1
G1
S1
D1
G1
S2
G2
D1
D2
D2
C1015UD
YY WW
= Manufacturer’s Marking
C1015UD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16= 2016)
WW = Week (01 to 53)
D2
S2
G2
e3


Similar Part No. - DMC1015UPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1016UPD DIODES-DMC1016UPD Datasheet
510Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1016UPD-13 DIODES-DMC1016UPD-13 Datasheet
510Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1017UPD BCDSEMI-DMC1017UPD Datasheet
627Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1017UPD DIODES-DMC1017UPD Datasheet
680Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1017UPD-13 BCDSEMI-DMC1017UPD-13 Datasheet
627Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC1015UPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com