Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS110-7SN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS110-7SN
Description  AC LINE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS110-7SN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS110-7SN Datasheet HTML 2Page - STMicroelectronics ACS110-7SN Datasheet HTML 3Page - STMicroelectronics ACS110-7SN Datasheet HTML 4Page - STMicroelectronics ACS110-7SN Datasheet HTML 5Page - STMicroelectronics ACS110-7SN Datasheet HTML 6Page - STMicroelectronics ACS110-7SN Datasheet HTML 7Page - STMicroelectronics ACS110-7SN Datasheet HTML 8Page - STMicroelectronics ACS110-7SN Datasheet HTML 9Page - STMicroelectronics ACS110-7SN Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACS110-7SN/SB2
6/10
Maximum power dissipation vs RMS on state current.
RMS on-state current vs ambient temperature, case temperature and package
Relative variation of thermal impedance junction to ambient vs pulse duration and package
Relative variation of gate trigger current vs junction temperature
Relative variation of holding and latching current vs junction
Relative variation of dV/dt vs Tj
Relative variation of (dV/dt)c vs (di/dt)c
Surge peak on-state current vs number of cycles
Non repetitive surge peak on-state current for a sinusoidal pulse with tp<10ms, and corresponding of I²t.
On-state characteristics (maximal values)
Thermal resistance junction to ambient vs copper surface under tab
Relative variation of critical (di/dt)c vs junction temperature
OTHER FIGURES
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
(A)
T(RMS)
α=180°
180°
α
α
P(W)
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
T
/T
(°C)
tab
lead
α=180°
SOT-223
-
DIL-8
I
(A)
T(RMS)
Fig. 2-1: RMS on-state current versus tab or lead
temperature.
I
(A)
T(RMS)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
T
(°C)
amb
α=180°
Printed circuit board FR4
Natural convection
S=5cm²
Fig. 2-2: RMS on-state current versus ambient
temperature.
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
p
K=[Zth
/Rth
]
(j-a)
(j-a)
Fig. 3: Relative variation of thermal impedance
junction to ambient versus pulse duration.


Similar Part No. - ACS110-7SN

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
More results

Similar Description - ACS110-7SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
   AC LINE SWITCH
logo
STMicroelectronics
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
   AC LINE SWITCH
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
   3-line overvoltage protected AC switch array
July 2013 Rev 1
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com