Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE84106EL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE84106EL
Description  Hex-Half-Bridge Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE84106EL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE84106EL Datasheet HTML 7Page - Infineon Technologies AG TLE84106EL Datasheet HTML 8Page - Infineon Technologies AG TLE84106EL Datasheet HTML 9Page - Infineon Technologies AG TLE84106EL Datasheet HTML 10Page - Infineon Technologies AG TLE84106EL Datasheet HTML 11Page - Infineon Technologies AG TLE84106EL Datasheet HTML 12Page - Infineon Technologies AG TLE84106EL Datasheet HTML 13Page - Infineon Technologies AG TLE84106EL Datasheet HTML 14Page - Infineon Technologies AG TLE84106EL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
11
Rev. 1.0, 2010-04-27
TLE84106EL
Hex Half Bridge IC
General Product Characteristics
4.4
Electrical Characteristics
Electrical Characteristics
V
S= 7 V to 18 V, VDD= 3.0 V to 5.5 V, Tj = -40 °C to +150 °C, INH = HIGH; IOUT1-6 = 0 A; all voltages with respect
to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Current Consumption, INH = GND
4.4.1
Supply Quiescent current
I
SQ
–1
2.5
µA
V
S = 13.5 V;
V
DD= 0 V
T
j = 85°C
4.4.2
Logic supply quiescent current
I
DD_Q
–0.5
1µA
T
j = 85°C
4.4.3
Total quiescent current
ISQ + IDD_Q
–2
4µA
T
j = 85°C
Current Consumption, INH = HIGH
4.4.4
Supply current
I
S
4.5
10
mA
Power drivers and
power stages are off
4.4.5
Logic supply current
I
DD
1.5
3
mA
SPI not active
4.4.6
Logic supply current
I
DD_RUN
–5
–mA
V
DD = 3.0V;
SPI 5MHz
4.4.7
Total supply current
IS + IDD_RUN –9.5
–mA
Over- and Undervoltage Lockout
4.4.8
UV Switch ON voltage
V
UV ON
––
5.2
V
V
S increasing
4.4.9
UV Switch OFF voltage
V
UV OFF
4–
5.0
V
V
S decreasing
4.4.10
UV ON/OFF hysteresis
V
UV HY
–0.25
V
V
UV ON - VUV OFF
4.4.11
OV Switch OFF voltage
V
OV OFF
21
25
V
V
S increasing;
4.4.12
OV Switch ON voltage
V
OV ON
20
24
V
V
S decreasing;
4.4.13
OV ON/OFF hysteresis
V
OV HY
–1
–V
V
OV OFF - VOV ON;
4.4.14
VDD Power-On-Reset
V
DD POR
2.60
2.80
3.00
V
V
DD increasing
4.4.15
VDD Power-Off-Reset
V
DD POffR
2.50
2.70
2.90
V
V
DD decreasing
Static Drain-source ON-Resistance
4.4.16
High- and Low-side switch
R
DSON(1-6)
–0.8
I
OUT (1-6)= ±0.5 A;
T
j = 25 °C
–1.4
2
I
OUT (1-6)= ±0.5 A;
T
j = 150 °C
Output Protection and Diagnosis
High-Side Switches
4.4.17
HS Overcurrent Shutdown
Threshold
I
SD_HS
-1.6
-1.15
-0.8
A
HS Switch;
V
S=13.5V; See
Figure 7
4.4.18
HS Short Circuit Current Limit
I
SC_HS
-2.0
-1.5
-1.0
A
1)
4.4.19
HS_Shutdown Delay Time
t
dSD
10
25
50
µs
HS Switch;
V
S=13.5V; See
Figure 7


Similar Part No. - TLE84106EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results

Similar Description - TLE84106EL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7718B ONSEMI-NCV7718B Datasheet
250Kb / 27P
   Hex Half-Bridge Driver
August, 2014 ??Rev. 0
NCV7718 ONSEMI-NCV7718 Datasheet
331Kb / 27P
   Hex Half-Bridge Driver
September, 2012 ??Rev. 0
NCV7718 ONSEMI-NCV7718_18 Datasheet
282Kb / 27P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 3
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7728 ONSEMI-NCV7728 Datasheet
273Kb / 27P
   Hex Half-Bridge Driver
March, 2014 ??Rev. 1
NCV7728 ONSEMI-NCV7728_18 Datasheet
283Kb / 27P
   Hex Half-Bridge Driver
May, 2018 ??Rev. 6
NCV7723B ONSEMI-NCV7723B Datasheet
281Kb / 25P
   Hex Half-Bridge Driver
February, 2020 ??Rev. 1
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com