Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3045CTBQ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR3045CTBQ-13
Description  30A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3045CTBQ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR3045CTBQ-13 Datasheet HTML 1Page - Diodes Incorporated SBR3045CTBQ-13 Datasheet HTML 2Page - Diodes Incorporated SBR3045CTBQ-13 Datasheet HTML 3Page - Diodes Incorporated SBR3045CTBQ-13 Datasheet HTML 4Page - Diodes Incorporated SBR3045CTBQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR3045CTBQ
Document number: DS38528 Rev.1 - 2
2 of 5
www.diodes.com
January 2016
© Diodes Incorporated
SBR3045CTBQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current @TC = +150°C
Per Leg
IO
15
30
A
Total
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
180
A
Repetitive Peak Avalanche Power (1µs, +25°C)
PARM
7,000
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case (Per Leg)
RθJC
2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop (Per Leg)
VF
0.70
V
IF = 15A, TJ = +25°C
0.66
IF = 15A, TJ = +125°C
Leakage Current (Note 6)
IR
0.5
mA
VR = 45V, TJ = +25°C
80
VR = 45V, TJ = +125°C
Note:
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - SBR3045CTBQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3045CTBQ-13 DIODES-SBR3045CTBQ-13 Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR3045CTBQ-13 DIODES-SBR3045CTBQ-13 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR3045CTBQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30E45CT DIODES-SBR30E45CT Datasheet
529Kb / 5P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR3040CT DIODES-SBR3040CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR3040 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30M100CT DIODES-SBR30M100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30M100 Rev. 2
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
SBR30A120CTE DIODES-SBR30A120CTE Datasheet
344Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A40CT DIODES-SBR30A40CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A40 Rev. 2
SBR30A150CT DIODES-SBR30A150CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A150 Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com