Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL300PS27 Datasheet(PDF) 1 Page - XP Power Limited

Part # LCL300PS27
Description  150-500 Watts LCL Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL300PS27 Datasheet(HTML) 1 Page - XP Power Limited

  LCL300PS27 Datasheet HTML 1Page - XP Power Limited LCL300PS27 Datasheet HTML 2Page - XP Power Limited LCL300PS27 Datasheet HTML 3Page - XP Power Limited LCL300PS27 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
150 500 Watts
Single Output Industrial Supplies
High Efficiency
Low Cost
150 W Convection Cooled
300 W & 500 W with Internal Fans
Outputs from 12 V to 48 V
3 Year Warranty
LCL Series
Input
Input Voltage
• 85-264 VAC (127-370 VDC) (see note 1)
Input Frequency
• 47-63 Hz
Input Current
• 2.1 A max for LCL150, 4.5 A max for
LCL300, 6.6 A max for LCL500
Inrush Current
• 40 A max for LCL150,
60 A max for LCL300 & 500
cold start at 25 °C, 230 VAC
Power Factor
• >0.9
Earth Leakage Current
• <2 mA at 264 VAC, 60 Hz
Input Protection
• LCL150: T3.15 A/250 V,
LCL300: T6.3A/250 V,
LCL500: T10A/250 V,
internal fuse fitted in line
Output
Output Voltage
• See tables
Output Voltage Trim
• See tables
Initial Set Accuracy
• ±100 mV at 50% load
Minimum Load
• None required
Start Up Delay
• 2 s max for LCL150, 1.5 s max for LCL300,
0.8 s max for LCL500
Start Up Rise Time
• 50 ms max for LCL150,
35 ms max for LCL300 & LCL500
Hold Up Time
• 10 ms min at 115 VAC and full load
Line Regulation
• ±0.5% max for LCL150,
±0.3% for LCL300 & LCL500
Load Regulation
• ±1% max
Transient Response
• 4% max deviation recovery to within 1%
in 500 µs for a 50% load change
Ripple & Noise
• See tables
Overvoltage Protection
• 110-140%, recycle input to reset
Overtemperature
• Output turns off when OTP triggered,
Protection
measured internally, auto recovery
Overload Protection
• 110-150% of rated output power. Delayed
by 1 s min to allow for peak loads.
Short Circuit Protection
• Trip and restart (hiccup mode),
auto recovery
Remote Sense
• Fitted to LCL500 only, compensates for
0.25 V max each line
Remote On/Off
• Fitted on LCL500 only,
On = logic low or open circuit,
Off = logic high
xppower.com
General
Efficiency
• 88% typical at full load & 230 VAC
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 90-110 kHz main converter & 45-190 kHz
PFC for LCL150, 80-190 kHz main converter
& 62-65 kHz PFC for LCL300 & 500
Power Density
• 2.7 W/in3 LCL150, 4.4 W/in3 LCL300,
4.9 W/in3 LCL500
MTBF
• LCL150: >489 kHrs,
LCL300: >235 kHrs,
LCL500: >211 kHrs to MIL-HBK-217F at
25 °C, GB
Environmental
Operating Temperature
• -10 °C to +70 °C, derate from 100% load
at 50 °C to 50% load at 70 °C
Cooling
• LCL150 convection cooled, LCL300 &
LCL500 have internal fans
Operating Humidity
• 5% to 90% non condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Vibration
• 10-500 Hz, 2 g, 10 mins per cycle on
3 axes
EMC & Safety
Emissions
• EN55022 level B conducted,
level A radiated
Harmonic Currents
• EN61000-3-2 class A
LCL150: EN61000-3-2 class C for loads ≥40%
LCL300 & LCL500: EN61000-3-2 class C
for loads ≥20%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV contact,
±8 kV air discharge, Performance Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5,
installation class 3, Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m Perf Criteria A
Dips & Interruptions
EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1, CSA60950
No 22.2


Similar Part No. - LCL300PS27

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL300PS27 XPPOWER-LCL300PS27 Datasheet
450Kb / 4P
   150-500 Watts LCL Series
LCL300PS27 XPPOWER-LCL300PS27 Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com