Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPQ172 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPQ172
Description  Total Power: 110 - 175 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ172 Datasheet(HTML) 3 Page - Artesyn Technologies

  LPQ172 Datasheet HTML 1Page - Artesyn Technologies LPQ172 Datasheet HTML 2Page - Artesyn Technologies LPQ172 Datasheet HTML 3Page - Artesyn Technologies LPQ172 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LPQ170 Series Data Sheet
Mechanical Drawing
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”.
3. Specifications are for convection rating at factory settings unless otherwise stated.
4. Mounting screw maximum insertion depth is 0.12”.
5. Warranty: 2 years
6. Weight: 2 lb/0.91 kg


Similar Part No. - LPQ172

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ172 ASTEC-LPQ172 Datasheet
3Mb / 3P
   175 Watts
logo
Emerson Network Power
LPQ172 EMERSON-NETWORKPOWER-LPQ172 Datasheet
3Mb / 3P
   Active power factor correction
More results

Similar Description - LPQ172

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ142 ARTESYN-LPQ142 Datasheet
643Kb / 3P
   Total Power: 110 - 145 Watts
LPS172 ARTESYN-LPS172 Datasheet
878Kb / 4P
   Total Power: 100 - 175 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com