Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT203A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SBT203A
Description  SMD BALUN TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SBT203A Datasheet(HTML) 1 Page - Frontier Electronics.

  SBT203A Datasheet HTML 1Page - Frontier Electronics. SBT203A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBT203A-11 – SMD BALUN TRANSFORMER
Rev. A
Frontier Electronics Corp.®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
A.
Electrical Specifications: (Ta=25ºC, Zo = 75Ω, Pin = 0 dBm)
Spec Item
dB
Frequency Range
Insertion Loss (Pin 1~6)
1.0dB Max.
5 ~ 200MHz.
Insertion Loss (Pin 1~4)
1.0dB Max.
5 ~ 200MHz.
Input Return Loss (Pin 1)
14.0 dB Min.
5 ~ 200MHz.
Amplitude Balance (Normal 0dB)
± 0.40dB Max.
5 ~ 200MHz.
Phase Balance (Normal 180º)
± 4.0º Max.
5 ~ 200MHz.
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
j
SBT203A-11
5.5
(0.217)
4.3
(0.170)
1.5
(0.059)
1.5
(0.059)
3.2
(0.126)
0.5
(0.020)
0.8
(0.031)
3.0
(0.118)
6.2
(0.244)
2.9
(0.114)
Tol.
±0.30
(0.01)
±0.30
(0.012)
±0.3
(0.012)
±0.3
(0.012)
±0.30
(0.012)
±0.20
(0.008)
Typ.
Typ.
Typ.
Typ.
C. Test Equivalent Circuit:
D.
Features:
a.
1:1 Impedance ratio.
b.
Surface mounts part.
c.
Center tap on Secondary.
d.
Suitable for DOCSIS 3.0.
e.
RoHS compliant.
f.
Tape and Reel packaging.
g.
MSL: Level 1.
E
. Characteristic Curve:
20
40
60
80
100
120
140
160
180
0
200
172
174
176
178
180
182
184
186
188
170
190
freq, MHz
20
40
60
80
100
120
140
160
180
0
200
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
-1.0
1.0
freq, MHz
20
40
60
80
100
120
140
160
180
0
200
-30
-28
-26
-24
-22
-32
-20
freq, MHz
20
40
60
80
100
120
140
160
180
0
200
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-1.0
-0.3
freq, MHz
20
40
60
80
100
120
140
160
180
0200
-0.50
-0.45
-0.40
-0.55
-0.35
freq, MHz


Similar Part No. - SBT203A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SBT203A FRONTIER-SBT203A Datasheet
166Kb / 2P
   SMD BALUN TRANSFORMER
SBT203A-21 FRONTIER-SBT203A-21 Datasheet
166Kb / 2P
   SMD BALUN TRANSFORMER
SBT203A-41 FRONTIER-SBT203A-41 Datasheet
169Kb / 2P
   SMD BALUN TRANSFORMER
More results

Similar Description - SBT203A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SBT301 FRONTIER-SBT301_15 Datasheet
187Kb / 2P
   SMD BALUN TRANSFORMER
logo
ABC Taiwan Electronics ...
SC60360001L ABC-SC60360001L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
logo
Frontier Electronics.
SBT303 FRONTIER-SBT303 Datasheet
141Kb / 2P
   SMD Balun Transformer
SBT151 FRONTIER-SBT151 Datasheet
143Kb / 1P
   SMD BALUN TRANSFORMER
SBT303 FRONTIER-SBT303_15 Datasheet
182Kb / 2P
   SMD BALUN TRANSFORMER
SBT101C FRONTIER-SBT101C Datasheet
572Kb / 4P
   SMD BALUN TRANSFORMER
SBT203A-41 FRONTIER-SBT203A-41 Datasheet
169Kb / 2P
   SMD BALUN TRANSFORMER
SBT301 FRONTIER-SBT301 Datasheet
141Kb / 2P
   SMD Balun Transformer
logo
ABC Taiwan Electronics ...
SC60440001L ABC-SC60440001L Datasheet
2Mb / 10P
   SMD BALUN TRANSFORMER
logo
Frontier Electronics.
SBT203A-21 FRONTIER-SBT203A-21 Datasheet
166Kb / 2P
   SMD BALUN TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com