Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDU4860S500 Datasheet(PDF) 3 Page - XP Power Limited

Part # LDU4860S500
Description  LED Driver LDU Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU4860S500 Datasheet(HTML) 3 Page - XP Power Limited

  LDU4860S500 Datasheet HTML 1Page - XP Power Limited LDU4860S500 Datasheet HTML 2Page - XP Power Limited LDU4860S500 Datasheet HTML 3Page - XP Power Limited LDU4860S500 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDU48
Mechanical Details
Derating Curve for LDU48
1.25
(31.75)
0.80
(20.32)
0.02
(0.50)
0.10
(2.54)
0.60
(15.24)
0.49
(12.45)
0.12
(3.05)
0.80
(20.32)
0.60
(15.24)
0.90
(22.86)
DIA.
Bottom View
23 4
9
11
23 22
16
14
0.49
(12.45)
3.94
(100.0)
0.39
(10.0)
Stripped
& tinned
1.25
(31.75)
0.80
(20.32)
Bottom View
1
2
13
24
15 1
0.49
(12.45)
3.94
(100.0)
12
13
24
12
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
70
85
55
A
B
C
150 mA, 250 mA, 300 mA, 350 mA
500 mA, 600 mA, 700 mA
1000 mA
A
B
C
LDU48 Connections
LDU48
LDU48-W LDU48-WD
Function
2 & 3
1 (Black)
1 (Black)
-Vin: -DC supply
4
No Wire
15 (White)
Control
9 & 11
12 (Blue)
12 (Blue)
-Vout: LED cathode connection
14 & 16
13 (Yellow) 13 (Yellow) +Vout: LED anode connection
22 & 23
24 (Red)
24 (Red)
+Vin: +DC supply
LDU48
24 Pin DIL
Wired Versions (No Dimming Control)
Wired Version with Dimming Control
LDU48
Wired Versions
Models and Ratings
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150-WD
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250-WD
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300-WD
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350-WD
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500-WD
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600-WD
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700-WD
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000-WD
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150-W
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250-W
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300-W
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350-W
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500-W
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600-W
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700-W
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000-W
Notes
1. All dimensions are in inches (mm)
2. Weight: LDU48 - 0.04 lbs (17.7 g) approx.
LDU48 (wired version) - 0.04 lbs (18.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Note: Do not connect pins 1 & 2 (-Vin) to pins 9 & 11 (-Vout)
With Dimming Control
LDU48 Models
Notes
For LDU08 & LDU24 please see Operating
Temperature Spec.


Similar Part No. - LDU4860S500

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
More results

Similar Description - LDU4860S500

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU2030S500 XPPOWER-LDU2030S500 Datasheet
114Kb / 2P
   LED Driver LDU20 Series
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
   LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
   LED Driver DALI Performance Series
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com