Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG811 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG811
Description  0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG811 Datasheet(HTML) 3 Page - Analog Devices

  ADG811 Datasheet HTML 1Page - Analog Devices ADG811 Datasheet HTML 2Page - Analog Devices ADG811 Datasheet HTML 3Page - Analog Devices ADG811 Datasheet HTML 4Page - Analog Devices ADG811 Datasheet HTML 5Page - Analog Devices ADG811 Datasheet HTML 6Page - Analog Devices ADG811 Datasheet HTML 7Page - Analog Devices ADG811 Datasheet HTML 8Page - Analog Devices ADG811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG811/ADG812/ADG813
Rev. A | Page 3 of 16
ADG811/ADG812/ADG813—SPECIFICATIONS
Table 1. VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted1
Parameter
+25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.5
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 10 mA;
0.65
0.75
0.8
Ω max
Figure 18
0.04
Ω typ
VDD = 2.7 V, VS = 0.5 V, IS = 10 mA
On Resistance Match between
Channels (∆RON)
0.075
0.08
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 10 mA
0.15
0.16
Ω max
LEAKAGE CURRENTS
VDD = 3.6 V
Source Off Leakage IS (OFF)
±0.2
nA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V;
±1
±8
±80
nA max
Figure 19
Drain Off Leakage ID (OFF)
±0.2
nA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V;
±1
±8
±80
nA max
Figure 19
Channel On Leakage ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 3.3 V; Figure 20
±1
±15
±90
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
6
pF typ
DYNAMIC CHARACTERISTICS2
tON
21
ns typ
RL = 50 Ω, CL = 35 pF
25
26
28
ns max
VS = 1.5 V/0 V; Figure 21
tOFF
4
ns typ
RL = 50 Ω, CL = 35 pF
5
6
7
ns max
VS = 1.5 V; Figure 21
Break-Before-Make Time Delay (tBBM)
17
ns typ
RL = 50 Ω, CL = 35 pF
(ADG813 only)
5
ns min
VS1 = VS2 = 1.5 V; Figure 22
Charge Injection
30
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF;
Figure 23
Off Isolation
–67
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 24
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 26
Total Harmonic Distortion (THD + N)
0.02
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 2 V p-p
Insertion Loss
–0.05
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz
–3 dB Bandwidth
90
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 25
CS (OFF)
30
pF typ
CD (OFF)
35
pF typ
CD, CS (ON)
60
pF typ
POWER REQUIREMENTS
VDD = 3.6 V
IDD
0.003
µA typ
Digital inputs = 0 V or 3.6 V
1.0
4
µA max
1Temperature range for the Y version is –40°C to +125°C.
2Guaranteed by design, not subject to production test.


Similar Part No. - ADG811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811YCPZ-REEL AD-ADG811YCPZ-REEL Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YCPZ-REEL7 AD-ADG811YCPZ-REEL7 Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU AD-ADG811YRU Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU-REEL AD-ADG811YRU-REEL Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU-REEL7 AD-ADG811YRU-REEL7 Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results

Similar Description - ADG811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com