Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX1V-TF Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CX1V-TF
Description  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX1V-TF Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CX1V-TF Datasheet HTML 1Page - IQD Frequency Products Ltd CX1V-TF Datasheet HTML 2Page - IQD Frequency Products Ltd CX1V-TF Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CX1V TF
Quartz Crystal Specification
ISSUE 7; June 2016
Outline (mm) -SM1 = SM1 (Gold Plated, glass
lid)
Description
The CX1V TF quartz crystal is a high quality surface mount
tuning fork resonator for use in Pierce (single inverter)
oscillators. This crystal is a hermetically sealed, rugged,
miniature ceramic package. They are manufactured using the
Statek developed photolithographic process and were
designed utilising the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications.
-C SM1 SM1 (Gold Plated, ceramic lid)
-C SM4 SM4 (Solder Plated, ceramic lid)
-C SM5 SM5 (Solder Dipped, ceramic lid)
-SM1 SM1 (Gold Plated, glass lid)
-SM4 SM4 (Solder Plated, glass lid)
-SM5 SM5 (Solder Dipped, glass lid)
FEATURES:
Miniature tuning fork design
High shock resistance
Low ageing
Designed for low power applications
Ideal for battery operated applications
Compatible with hybrid or PC board packaging
Full military testing available
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
10.0kHz to 600.0kHz
±30.00ppm to ±5,000.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±5ppm max in 1st year @ 25°C
Ageing
Temperature Coefficient (k): -0.035ppm/°C²
Note: Frequency f at temperature T is related to frequency fo
at turning point temperature To) by: (f-fo)/fo = k(T-To)²
Electrical Parameters
4.0pF to 11.0pF
Load Capacitance (CL)
2pF max
Shunt Capacitance (C0)
Drive Level: 10-24.9kHz 0.5µW max, 25-600kHz 1.0µW max
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Environmental Parameters
Shock: 1000G, 1ms, 1/2 sine
Vibration: 20G rms, 10-2000Hz
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20sec max
Printed on 23 Sep 16 16:00 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CX1V-TF

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
STATEK CORPORATION
CX1V STATEK-CX1V Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1VCSM1 RSG-CX1VCSM1 Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VCSM2 RSG-CX1VCSM2 Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VCSM3 RSG-CX1VCSM3 Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Similar Description - CX1V-TF

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com