Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8830ACP Datasheet(PDF) 5 Page - Analog Devices

Part # ADM8830ACP
Description  Charge Pump Regulator for Color TFT Panel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8830ACP Datasheet(HTML) 5 Page - Analog Devices

  ADM8830ACP Datasheet HTML 1Page - Analog Devices ADM8830ACP Datasheet HTML 2Page - Analog Devices ADM8830ACP Datasheet HTML 3Page - Analog Devices ADM8830ACP Datasheet HTML 4Page - Analog Devices ADM8830ACP Datasheet HTML 5Page - Analog Devices ADM8830ACP Datasheet HTML 6Page - Analog Devices ADM8830ACP Datasheet HTML 7Page - Analog Devices ADM8830ACP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADM8830
–4–
Typical Performance Characteristics–ADM8830
–5–
OUTPUT CURRENT – A
80
50
10
10
20
30
40
60
70
30 50 70 90 110 130 150 170 190
TPC 1. LDO Efficiency in Blanking
Mode with VCC = 3 V
OUTPUT CURRENT – mA
85
2
4
6
8
84
83
82
81
80
79
78
0
3
5
7
1
TPC 4. LDO Efficiency in Scanning
Mode with VCC = 3 V
VCC – V
5.30
5.25
5.20
5.15
5.10
5.00
4.95
4.90
5.05
2.6
DEVICE 1 @ –40C
DEVICE 1 @ +25C
DEVICE 1 @ +85C
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
TPC 7. LDO Variation over Supply
andTemperature
BLANKING FREQUENCY – Hz
5.0752
100
1000
10000
5.0750
5.0748
5.0746
5.0744
5.0742
5.0740
5.0738
5.0736
5.0734
TPC 2. LDO Output Voltage (Unloaded)
vs. Blanking Mode Frequency
OUTPUT CURRENT – A
100
4
6
8
10
90
80
70
60
2
TPC 5. +15 V/–10 V Efficiency vs. Output
Current in Blanking Mode, VCC = 3 V
VCC – V
2.6
3.6
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4
300
250
200
150
100
50
0
ICC (BLANK)
ICC (SCAN)
3.5
TPC 8. Supply Current vs. Voltage
ILOAD – mA
5.104
2
4
6
8
5.102
5.100
5.098
5.096
5.094
5.092
5.090
0
3
5
7
1
TPC 3. LDO O/P Voltage vs. Load
Current in Scanning Mode, VCC = 3.3 V
OUTPUT CURRENT – A
100
40
60
80
100
90
80
70
60
20
0
50
40
TPC 6. +15 V/–10 V Efficiency vs. Output
Current in Scanning Mode, VCC = 3V
VOUT
5V OUTPUT RIPPLE
VCC RIPPLE
TPC 9. Output Ripple on LDO
(5 V Output)
REV. B
REV. B


Similar Part No. - ADM8830ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
More results

Similar Description - ADM8830ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
   Charge Pump Regulator & COM Driver for Color TFT Panel
REV. PrG 2/03
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
   Charge Pump Regulator for Color TFT Panels
REV. A
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com